Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT5101 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT5101
Description  2.5W Mono Filter-Free Class D Audio Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT5101 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT5101 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT5101 Datasheet HTML 15Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201876B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
AAT5101
DATA SHEET
2.5W Mono Filter-Free Class D Audio Power Amplifier
Single -ended
input
-
+
PWM
H- Bridge
Shutdown Control
SHUTDOWN
GND
VO+
VO -
IN -
IN +
To Battery
CS
VDD
RI
RI
CI
CI
RL
Figure 4: AAT5101 Application Schematic with Single-Ended Input Configuration.
Differential
input 2
-
+
PWM
H-Bridge
Shutdown Control
SHUTDOWN
GND
IN -
IN +
To Battery
+
+
-
-
RI1
RI1
RI2
RI2
Differential
input 1
CS
VDD
VO+
RL
VO-
Figure 5: AAT5101 Application Schematic with AAT5101 Summing Two Differential Inputs.


Similar Part No. - AAT5101

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
More results

Similar Description - AAT5101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com