Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW04021003F Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CRCW04021003F
Description  Li-Ion/Polymer Linear Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CRCW04021003F Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CRCW04021003F Datasheet HTML 1Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 2Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 3Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 4Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 5Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 6Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 7Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 8Page - Skyworks Solutions Inc. CRCW04021003F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AAT3682
DATA SHEET
Li-Ion/Polymer Linear Battery Charger
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201884B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 25, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 20mW/°C above 25°C.
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VIN
VIN Relative to GND
-0.3 to 6.0
V
VCSI
CSI to GND
-0.3 to VCC + 0.3
VT2X
T2X to GND
-0.3 to 5.5
Bias, VBAT
BAT to GND
-0.3 to VCC + 0.3
TJ
Operating Junction Temperature Range
-40 to 85
°C
Thermal Information
Symbol
Description
Value
Units
JA
Maximum Thermal Resistance2, 3
50
°C/W
PD
Power Dissipation (TA = 25°C)
2.0
W


Similar Part No. - CRCW04021003F

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
CRCW04021002F MICREL-CRCW04021002F Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
logo
Vishay Siliconix
CRCW0402100KFKED VISHAY-CRCW0402100KFKED Datasheet
632Kb / 10P
   Selectable frequency from 200 kHz to 1 MHz with an external resistor
Revision: 17-Nov-14
CRCW0402100RFKED VISHAY-CRCW0402100RFKED Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW04021003F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com