Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4620 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AAT4620
Description  PCMCIA Current Limit Interface and Capacitor Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4620 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AAT4620_12 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4620_12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AAT4620
PCMCIA Current Limit Interface and Capacitor Charger
DATA SHEET
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201943A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 15, 2012
General Description
The AAT4620 SmartSwitch is a current limited P-channel
MOSFET power switch designed for high-side load-
switching applications in PCMCIA GSM/GPRS/3G modem
cards. Used in conjunction with a super capacitor, the
AAT4620 will ensure that the power ratings of the PCMCIA
host are not exceeded at any time. Featuring two inde-
pendent, programmable current limits and a power loop,
the AAT4620 can ensure that the super capacitor can be
charged without exceeding PCMCIA specifications. The
current limit is set by two external resistors allowing a
±10% current limit accuracy over the normal operating
temperature range. The switch can be controlled from
either of the two enable inputs and in the off condition
will block currents in both directions. The AAT4620 also
incorporates a System READY function which can advise
the system that the super capacitor is fully charged and
ready for use. Adjustable hysteresis is provided with the
addition of an external resistor. The quiescent supply cur-
rent is typically a low 40μA. In shutdown mode, the sup-
ply current decreases to less than 1μA.
The AAT4620 is available in a
thermally enhanced,
Pb-free, 12-pin TSOPJW package and is specified over
the -40°C to 85°C temperature range.
Features
• V
IN Range: 3.0V to 5.5V
• Dual Independent Current Limits
100mA to 1200mA
±10% Current Accuracy
20°C Temperature Band
• Reverse Current Blocking Protection
• Power Loop
• Low Quiescent Current
40μA Typical
1.0μA Max with Switch Off
• 65m Typical RDS(ON) at 3V
• Only 1.4V Needed for Enable Control Pin
• System READY Output with Externally Programmable
Hysteresis
• Under-Voltage Lockout
• Temperature Range: -40°C to 85°C
• 12-Pin TSOPJW Package
Applications
• CF Card Port Power Protection
• Express Card GSM/GPRS/3G Modems
• Hot Swap Supplies
• PCMCIA Card GSM/GPRS/3G Modems
• Personal Communication Devices
Typical Application
GND
EN IL
EN IU
ISETU
ISETL
OUT
RDY
RSETU
RSETL
SuperCap
To Load
VCC
VCC
100k
Ω
To μC
RHYS
Under-
Voltage
Lockout
1.2V
Reference
Current
Limit
Control
Reverse
Blocking
Over-Temp
Protection
Power
Loop
ENOPERATION
ENSUPERCAP


Similar Part No. - AAT4620_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4620ITP-T1 ANALOGICTECH-AAT4620ITP-T1 Datasheet
598Kb / 15P
   PCMCIA Current Limit Interface and Capacitor Charger
More results

Similar Description - AAT4620_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4620 ANALOGICTECH-AAT4620 Datasheet
598Kb / 15P
   PCMCIA Current Limit Interface and Capacitor Charger
AAT4621 ANALOGICTECH-AAT4621 Datasheet
878Kb / 16P
   PC Card Current Limit Interface and Capacitor Charger
logo
Skyworks Solutions Inc.
AAT4621 SKYWORKS-AAT4621_12 Datasheet
1Mb / 17P
   PC Card Current Limit Interface and Capacitor Charger
logo
SiGe Semiconductor, Inc...
AATIAN92 SIGE-AATIAN92 Datasheet
351Kb / 7P
   Power Path with Input Current Limit and Capacitor Charger
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Zilog, Inc.
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
   PCMCIA Interface Solution
logo
STMicroelectronics
LK115 STMICROELECTRONICS-LK115 Datasheet
224Kb / 14P
   Internal current and thermal limit
January 2014 Rev 5
logo
Vicor Corporation
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
   Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
logo
Agere Systems
L9219A AGERE-L9219A Datasheet
397Kb / 30P
   Low-Cost Line Interface with Reverse Battery and Dual Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com