Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4601IAS-T1 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AAT4601IAS-T1
Description  1.8A Current Limited P-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4601IAS-T1 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AAT4601IAS-T1 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4601IAS-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AAT4601
DATA SHEET
1.8A Current Limited P-Channel Switch
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201913A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 3, 2012
1. Guaranteed by design.
Electrical Characteristics
VIN = 5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN
Operation Voltage
2.7
5.5
V
IQ
Quiescent Current
VIN = 5V, ON = GND, IOUT = 0
12
30
μA
IQ(OFF)
Off-Supply Current
ON = IN, VIN = 5.5V
0.004
1
ISD(OFF)
Off-Switch Current
ON = IN, VIN = 5.5V, VOUT = 0
0.07
15
VUVLO
Under-Voltage Lockout
Rising Edge, 1% Hysteresis
2.0
2.3
2.7
V
RDS(ON)
On Resistance
VIN = 5.0V
70
120
m
VIN = 4.5V
75
130
VIN = 3.0V
80
150
VIN = 3.0V, TA = 25°C
80
110
ILIM
Current Limit
RSET = 2k
510
715
920
mA
ILIM(MIN)
Minimum Current Limit
375
OTMP
Shutdown Temperature
VIN = 5V
125
ºC
VONL
ON Input Low Voltage
0.8
V
VONH
ON Input High Voltage
VIN = 2.7V to 3.6V
2.0
VIN = 4.5V to 5.5V
2.4
IONSINK
ON Input leakage
VON = 5.5V
0.01
1
μA
VFAULTL
FAULT Logic Output Low Voltage
ISINK =1mA
0.08
0.4
V
IFSINK
FAULT Logic Output High Leakage
VFAULT = 5.5V
0.05
1
μA
TRESP
Current Limit Response Time
VIN = 5V
2
μs
TBLANK
Fault Blanking Time After Turn-On
2
ms
TOFF
Turn-Off Time1
VIN = 5V
20
μs
TON
Turn-On Time1
VIN = 5V
200


Similar Part No. - AAT4601IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4601IAS-T1 ANALOGICTECH-AAT4601IAS-T1 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601IAS-T1 SKYWORKS-AAT4601IAS-T1 Datasheet
1Mb / 13P
   1.8A Current Limited P-Channel Switch
May 3, 2012
More results

Similar Description - AAT4601IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
   1.8A Current Limited P-Channel Switch
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
   1.8A Current Limited P-Channel Switch
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Shenzhen Huazhimei Semi...
HM9703 HMSEMI-HM9703 Datasheet
846Kb / 7P
   current limited P channel MOSFET power switch
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Maxim Integrated Produc...
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com