Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3783 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # AAT3783
Description  1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT3783 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button AAT3783_12 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT3783_12 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
AAT3783
DATA SHEET
1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201903B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • April 27, 2012
Typical Characteristics
Preconditioning Charge Current vs. Temperature
(RSET = 8.06k
Ω; I
CH_CC = 200mA)
Temperature (°C)
17
18
19
20
21
22
23
-40
-15
10
35
60
85
Preconditioning Voltage Threshold
vs. Temperature
Temperature (°C)
2.54
2.56
2.58
2.60
2.62
2.64
2.66
-40
-15
10
35
60
85
Constant Charging Current vs. Input Voltage
(RSET = 1.62k
Ω
Ω)
Input Voltage (V)
700
800
900
1000
1100
1200
4
4.5
5
5.5
6
6.5
7
7.5
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.1V
Total Resistance vs. Input Voltage
(IN to BAT)
Input Voltage (V)
400
450
500
550
600
650
700
750
800
3.6
3.8
4
4.2
4.4
4.6
4.8
5
85°C
25°C
-40°C
Temperature Sense Too Hot Threshold
vs. Temperature
Temperature (°C)
325
327
329
331
333
335
337
339
-40
-15
10
35
60
85
Temperature Sense Too Cold Threshold
vs. Temperature
Temperature (°C)
2.375
2.380
2.385
2.390
2.395
2.400
-40
-15
10
35
60
85


Similar Part No. - AAT3783_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3783IRN-4.2-T1 ANALOGICTECH-AAT3783IRN-4.2-T1 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783IRN-4.2-T1 ANALOGICTECH-AAT3783IRN-4.2-T1 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783 ANALOGICTECH-AAT3783_08 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
More results

Similar Description - AAT3783_12

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3783 ANALOGICTECH-AAT3783 Datasheet
413Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
AAT3783 ANALOGICTECH-AAT3783_08 Datasheet
480Kb / 20P
   1-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com