Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS657052YZHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS657052YZHT
Description  PMU for Embedded Camera Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657052YZHT Datasheet(HTML) 5 Page - Texas Instruments

  TPS657052YZHT Datasheet HTML 1Page - Texas Instruments TPS657052YZHT Datasheet HTML 2Page - Texas Instruments TPS657052YZHT Datasheet HTML 3Page - Texas Instruments TPS657052YZHT Datasheet HTML 4Page - Texas Instruments TPS657052YZHT Datasheet HTML 5Page - Texas Instruments TPS657052YZHT Datasheet HTML 6Page - Texas Instruments TPS657052YZHT Datasheet HTML 7Page - Texas Instruments TPS657052YZHT Datasheet HTML 8Page - Texas Instruments TPS657052YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS657051, TPS657052
www.ti.com
SLVSA08A – FEBRUARY 2010 – REVISED SEPTEMBER 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN1/2
Input voltage for step-down converter DCDC1 and DCDC2
3.3
6
V
IOUTDCDC1/2
Output current at L
400
mA
L
Inductor at L
1.5
2.2
4.7
µH
VINLDO
Input voltage for LDO
1.7
6.0
V
ILDO
Output current at LDO
200
mA
CINDCDC1/2
Input Capacitor at VIN1 and VIN2
4.7
µF
COUTDCDC1/2
Output Capacitor at VOUT1, VOUT2
4.7
10
22
µF
CINLDO
Input Capacitor at VINLDO
2.2
µF
COUTLDO
Output Capacitor at VLDO
2.2
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
7.4 Thermal Information
TPS65705x
THERMAL METRIC(1)
YZH (DSBGA)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
75
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22
°C/W
RθJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
24
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
Unless otherwise noted: VIN1 = VIN2 = VINLDO = 3.6 V, L = LQMP21P 2.2 µH, COUTDCDCx = 10 µF, COUTLDO = 2.2 µF, TA = –40°C
to +85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
DCDC1 and DCDC2 enabled, IOUT = 0 mA,
MODE =0
40
µA
(PFM mode), LDO disabled
DCDC1 or DCDC2 enabled, IOUT = 0 mA,
Operating quiescent current DCDCx
MODE =0
25
µA
IQ
(PFM mode), LDO disabled
DCDC1 or DCDC2 enabled, IOUT = 0 mA.
4
mA
MODE =1 (forced PWM mode), LDO disabled
DCDC1 and DCDC2 disabled, LDO enabled.
Operating quiescent current LDO
25
37
µA
IOUT = 0 mA
ISD
Shutdown current
DCDC1, DCDC2, and LDO disable
5
12
µA
DIGITAL PINS (EN1, EN2, ENLDO, MODE)
High-level input voltage for EN1,
VIH
1.2
VCC
V
EN2, ENLDO, MODE
Low-level input voltage for EN1,
VIL
0.4
V
EN2, ENLDO, MODE
EN1, EN2, ENLDO, MODE tied to GND
ILKG
Input leakage current
0.01
0.1
μA
or VIN = VIN2
STEP-DOWN CONVERTERS
VIN1
Input voltage for DCDC1
3.3
6
V
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS657051 TPS657052


Similar Part No. - TPS657052YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Similar Description - TPS657052YZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
[Old version datasheet]   PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com