Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65720YFFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65720YFFT
Description  Integrated PMIC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65720YFFT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65720YFFT Datasheet HTML 1Page - Texas Instruments TPS65720YFFT Datasheet HTML 2Page - Texas Instruments TPS65720YFFT Datasheet HTML 3Page - Texas Instruments TPS65720YFFT Datasheet HTML 4Page - Texas Instruments TPS65720YFFT Datasheet HTML 5Page - Texas Instruments TPS65720YFFT Datasheet HTML 6Page - Texas Instruments TPS65720YFFT Datasheet HTML 7Page - Texas Instruments TPS65720YFFT Datasheet HTML 8Page - Texas Instruments TPS65720YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
TPS65720, TPS657201, TPS657202, TPS65721
www.ti.com
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
5 Device Options
PART NUMBER (1)
SIZE FOR DSBGA PACKAGE
OPTION
DCDC1 externally adjustable
D = 2105
μm ±25 μm
TPS65720
LDO1 default 1.85 V
E = 2105
μm ±25 μm
AC input current limit = 500 mA
DCDC1 default 1.85 V
D = 2105
μm ±25 μm
LDO1 default 1.85 V
TPS657201
E = 2105
μm ±25 μm
analog multiplexer (TS_OUT)
AC input current limit = 500 mA
DCDC1 default 1.90 V
D = 2105
μm ±25 μm
LDO1 default 2.85 V
TPS657202
E = 2105
μm ±25 μm
analog multiplexer (TS_OUT)
AC input current limit = 100 mA
DCDC1 externally adjustable
TPS65721
LDO1 externally adjustable
AC input current limit = 500 mA
(1)
The RSN and YFF package is available in tape and reel. Add R suffix (TPS65720YFFR; TPS65721RSNR) to order quantities of 3000
parts per reel. Add T suffix (TPS65720YFFT; TPS65721RSNT) to order quantities of 250 parts per reel.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Similar Part No. - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
More results

Similar Description - TPS65720YFFT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
   Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
   Integrated PMIC
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com