Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650731RSLT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650731RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650731RSLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650731RSLT Datasheet HTML 7Page - Texas Instruments TPS650731RSLT Datasheet HTML 8Page - Texas Instruments TPS650731RSLT Datasheet HTML 9Page - Texas Instruments TPS650731RSLT Datasheet HTML 10Page - Texas Instruments TPS650731RSLT Datasheet HTML 11Page - Texas Instruments TPS650731RSLT Datasheet HTML 12Page - Texas Instruments TPS650731RSLT Datasheet HTML 13Page - Texas Instruments TPS650731RSLT Datasheet HTML 14Page - Texas Instruments TPS650731RSLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
www.ti.com
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
8.7 Electrical Characteristics - DCDC2 Converter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVINDCDC
Input voltage range
Connected to SYS pin
2.8
6.3
V
2
TPS65072/73/731/732
600
IO
Maximum output current
Vin > 2.8 V
mA
TPS65070
1500
VINDCDC2 = 2.8 V
150
300
RDS(ON)
High side MOSFET ON-resistance
m
Ω
VINDCDC2 = 3.5 V
120
200
ILH
High side MOSFET leakage current
VINDCDC2 = 6.3 V
2
µA
VINDCDC2 = 2.8 V
200
300
RDS(ON)
Low side MOSFET ON-resistance
m
Ω
VINDCDC2 = 3.5 V
160
180
ILL
Low side MOSFET leakage current
VDS = 6.3 V
1
µA
TPS65072/73/731/732
0.8
1.1
1.5
ILIMF
Forward current limit
2.8 V < VINDCDC2 < 6.3 V
A
TPS65070
2.1
2.4
3.5
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Vout
Adjustable output voltage range
External resistor divider
0.6
Vin
V
Vref
Reference voltage
600
mV
Internal resistor divider, I2C
Vout
Fixed output voltage range
0.725
3.3
V
selectable (Default setting)
For DEFDCDC2 = LOW
1.8
Default output voltage for TPS65070, TPS650732,
For DEFDCDC2 = HIGH
3.3
Vout
V
For DEFDCDC2 = LOW
1.8
Default output voltage for TPS65072
For DEFDCDC2 = HIGH
2.5
For DEFDCDC2 = LOW
1.2
Vout
Default output voltage for TPS65073, TPS650731
V
For DEFDCDC2 = HIGH
1.8
DC output voltage accuracy; PFM mode (1)
–2%
3%
VINDCDC2 = 2.8 V to 6.3 V;
–1.5
0 mA = IO = 1.5 A
DC output voltage accuracy; PWM mode (1)
1.5%
%
Vout
DC output voltage accuracy with resistor divider at DEFDCDC2; PFM
–2%
3%
VINDCDC2 = VDCDC2 +0.3 V (min
2.8 V) to 6.3 V; 0 mA = IO = 1.5A
DC output voltage accuracy with resistor divider at DEFDCDC2; PWM
–1%
1%
ΔVOUT
Power save mode ripple voltage
IOUT = 1 mA, PFM mode
(2)
40
mVpp
Time from active EN to Start
tStart
Start-up time
170
µs
switching
Time to ramp from 5% to 95% of
tRamp
VOUT ramp up time
250
µs
VOUT
Vo -
Power good threshold
rising voltage
5%
Vo -
Power good threshold
falling voltage
10%
RDIS
Internal discharge resistor at L2
–35%
250
35%
Ω
(1)
Output voltage specification does not include tolerance of external voltage programming resistors. Output voltage in PFM mode is
scaled to +1% of nominal value.
(2)
Configuration L= 2.2 µH, COUT = 10 µF
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS650731RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650731RSLT TI-TPS650731RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650731RSLT TI-TPS650731RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650731RSLT TI-TPS650731RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650731RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com