Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65010 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65010
Description  Power and Battery Management IC for Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65010_15 Datasheet HTML 7Page - Texas Instruments TPS65010_15 Datasheet HTML 8Page - Texas Instruments TPS65010_15 Datasheet HTML 9Page - Texas Instruments TPS65010_15 Datasheet HTML 10Page - Texas Instruments TPS65010_15 Datasheet HTML 11Page - Texas Instruments TPS65010_15 Datasheet HTML 12Page - Texas Instruments TPS65010_15 Datasheet HTML 13Page - Texas Instruments TPS65010_15 Datasheet HTML 14Page - Texas Instruments TPS65010_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
TPS65010
www.ti.com
SLVS149C – JUNE 2003 – REVISED SEPTEMBER 2015
Battery Charger Electrical Characteristics (continued)
VO(REG) + V(DO-MAX) ≤ V(CHG) = V(AC) or V(USB), I(TERM) < IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Low level input voltage
0
0.8
V
VIH
High level input voltage
2
VCC
(5)
V
II
Input leakage current
1
µA
rDS(on)
Internal NMOS
VOL = 0.3 V
150
LOGIC SIGNALS PG, LED2
VOL
Low level output voltage
IOL = 20 mA
0.5
V
VOH
High level output voltage
6
V
VIBRATOR DRIVER VIB
VOL
Low level output voltage
IOL = 100 mA
0.3
0.5
V
VOH
High level output voltage
6
V
THERMAL SHUTDOWN
T(SD)
Thermal shutdown
Increasing junction temperature
160
°C
UNDERVOLTAGE LOCK OUT
V(UVLO) 2.5 V
-3%
3%
Undervoltage lockout
V(UVLO)
V(UVLO) 2.75 V
-3%
3%
Filter resistor = 10R in series
threshold
with VCC, VCC decreasing
V(UVLO) 3.0 V
-3%
3%
Default value
V(UVLO) 3.25 V
-3%
3%
V(UVLO_HYST)
UVLO comparator hysteresis
VCC rising
150
200
mV
POWER GOOD
VMAIN, VCORE, VLDO1, VLDO2
-12%
-10%
-8%
decreasing
VMAIN, VCORE, VLDO1, VLDO2
-7%
-5%
-3%
increasing
(5)
If the input voltage is higher than VCC an additional current, limited by an internal 10-kΩ resistor, flows.
6.7 Serial Interface Timing Requirements
MIN
MAX
UNIT
fMAX
Clock frequency
400
kHz
twH(HIGH)
Clock high time
600
ns
twL(LOW)
Clock low time
1300
ns
tR
DATA and CLK rise time
300
ns
tF
DATA and CLK fall time
300
ns
th(STA)
Hold time (repeated) START condition (after this period the first clock pulse is generated)
600
ns
th(DATA)
Setup time for repeated START condition
600
ns
th(DATA)
Data input hold time
0
ns
tsu(DATA)
Data input setup time
100
ns
tsu(STO)
STOP condition setup time
600
ns
t(BUF)
Bus free time
1300
ns
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65010


Similar Part No. - TPS65010_15

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
TPS65010EVM-230 APEX-TPS65010EVM-230 Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
TPS65010RGZ TI-TPS65010RGZ Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC For Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com