Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650001RTER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001RTER
Description  Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001RTER Datasheet(HTML) 1 Page - Texas Instruments

  TPS650001RTER Datasheet HTML 1Page - Texas Instruments TPS650001RTER Datasheet HTML 2Page - Texas Instruments TPS650001RTER Datasheet HTML 3Page - Texas Instruments TPS650001RTER Datasheet HTML 4Page - Texas Instruments TPS650001RTER Datasheet HTML 5Page - Texas Instruments TPS650001RTER Datasheet HTML 6Page - Texas Instruments TPS650001RTER Datasheet HTML 7Page - Texas Instruments TPS650001RTER Datasheet HTML 8Page - Texas Instruments TPS650001RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
VLDO1
SW
TPS65000/1
VINDCDC
VIN
VIN
VINLDO2
EN_LDO2
VDCDC
10mF
2.2 H
m
10 F
m
470kW
EN_DCDC
EN_LDO1
VINLDO1
PGND
P
P
FB_DCDC
P
PG
MODE
470kW
180kW
FB_LDO1
AGND
A
A
A
10 F
m
P
VLDO2
820kW
180kW
FB_LDO2
10 F
m
P
680W
150kW
A
3.3V
VLDO1
1.8V
VLDO2
2.8V
475kW
100nF
22pF
RSTSNS
VIN
MR
100kW
RST
TRST
A
A
VIN
232kW
470kW
A
A
0.1mF
Supply
Voltage
Supervisor
Oscillator
SSCG
Bandgap Reference
TPS65000/01 Joint Function/Pin
TPS65001 Only Function/Pin
LDO1
300mA
LDO2
300mA
A
Step-Down
600mA
VDCDC
PG
RST
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810C – JUNE 2009 – REVISED SEPTEMBER 2015
TPS6500xx 2.25-MHz Step-Down Converter With Dual Low Dropouts and Supply Voltage
Supervisor
1 Features
3 Description
The
TPS6500xx
devices
are
single-chip
power
1
Step-Down Converters:
management (PWM) ICs for portable applications.
VIN Range From 2.3 V to 6 V
Both devices combine a single step-down converter
Spread Spectrum Clock (SSC) Generation for
with two low-dropout (LDO) regulators. The step-
Reduced EMI
down converter enters a low-power mode at light load
for maximum efficiency across the widest possible
2.25-MHz Fixed Frequency Operation
range of load currents. For low-noise applications, the
600-mA or 1-A (TPS650061) Output Current
devices can be forced into fixed-frequency PWM
Low Dropouts (LDOs):
through a pin. The step-down converter is small
because of its small inductor and capacitors. The
VIN Range From 1.6 V to 6 V
step-down converter has power good status output
Adjustable Output Voltage
for sequencing. The LDOs can supply 300 mA and
Up to 300-mA Output Current
operate with an input voltage range from 1.6 V to 6 V.
A step-down converter or main battery can power the
Separate Power Inputs and Enables
LDOs directly. The step-down converter and the
Supply Voltage Supervisor (TPS65001)
LDOs have separate voltage inputs that enable
Manual Reset Input for Push Button
maximum design and sequencing flexibility.
Adjustable Reset Time
Device Information(1)
Adjustable Reset Voltage
PART NUMBER
PACKAGE
BODY SIZE (NOM)
3-mm × 3-mm 16-Pin WQFN (TPS65000)
TPS65000,
3-mm × 3-mm 20-Pin WQFN (TPS65001)
TPS650001,
WQFN (16)
3.00 mm × 3.00 mm
TPS650003,
TPS650006
2 Applications
TPS65001,
WQFN (20)
3.00 mm × 3.00 mm
Points-of-Load
TPS650061
Embedded Processor Power
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Cell Phones
Smart Phones
PDAs
Pocket PCs
Portable Media Players
Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS650001RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results

Similar Description - TPS650001RTER

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
logo
Bookly Micro electronic
BM1410A BOOKLY-BM1410A Datasheet
515Kb / 8P
   Step-Down Converter
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com