Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65000-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65000-Q1
Description  2.25-MHz Step-Down Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65000-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65000-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS65000-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS65000-Q1
VINLDO1
EN_LDO1
VINLDO2
EN_LDO2
VLDO1
VLDO2
AGND
PGND
FB_LDO1
FB_LDO2
Band-Gap Reference
Oscillator
SSCG
3-mm × 3-mm QFN
VINDCDC
EN_DCDC
MODE
SW
FB_DCDC
PG
LDO2
300 mA
Buck Converter
600 mA
LDO1
300 mA
TPS65000-Q1
SLVSC45B – AUGUST 2013 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS65000-Q1 device provides one step-down converter, two low dropout regulators, spread spectrum clock
generation, and a supply voltage supervisor for the TPS65001 only. The device has an input voltage range of
2.3 V to 6.0 V and is characterized across a –40°C to +85°C range. This device is intended for (but not limited to)
powering smart phones, embedded processors, and point-of-load devices.
The output voltage of the step-down converter can be selected through resistor networks on the output. To
maximize efficiency, there are two modes of operation based on load conditions: PWM or PFM. By pulling the
MODE pin high, forced PWM can be achieved. Pulling this pin low results in an automatic adjustment between
PFM and PWM modes.
The two general-purpose low-dropout regulators each have their own separate enables and voltage inputs. The
inputs can be tied to the output of the step-down converter or to a separate voltage source. Resistor networks
are required on the output of the regulator to set the output voltage. Their wide voltage range allows for handling
direct connections to a battery.
The switching frequency of the step-down converter is handled by the oscillator, with a typical frequency of
2.25 MHz. The spread spectrum clock (SSC) modulates this frequency when the device is in PWM mode. This
additional circuit in the oscillator block reduces power that may cause EMI.
The TPS65000-Q1 device also provide a power good signal to monitor the condition of the DC-DC and both
LDOs. The DC-DC and LDOs are only monitored if their enable signal is high. If all enabled resources are in
regulation, the pin is pulled low. If one or more of the enabled resources are out of regulation, the pin is pulled in
Hi-Z .
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65000-Q1


Similar Part No. - TPS65000-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
More results

Similar Description - TPS65000-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com