Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A6333-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS7A6333-Q1
Description  300-mA 40-V Low-Dropout Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6333-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A6333-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A6333-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
-50
0
50
100
150
TA (°C)
VIN = 14V
IOUT = 1mA
0
5
6
2
3
4
5
6
7
VIN (V)
1
2
3
4
IOUT = 100mA
TA = 25°C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
50
100
150
200
IOUT (mA)
TA = 25°C
V OUT = 5V
TA = 125°C
TA = -40°C
0
100
200
300
400
500
600
700
4
14
24
34
VIN (V)
VOUT = 5V, 3.3V
TA= 25°C
IOUT = 100mA
No Load
40
10
20
30
40
50
60
0.1
1
10
100
IOUT (mA)
VIN = 14V
TA= 25°C
VOUT = 5V, 3.3V
15
20
25
30
35
40
45
50
55
-50
0
50
100
150
TA (°C)
VIN =14V
VOUT= 5V, 3.3V
I
= 1mA
OUT
TPS7A6301-Q1, TPS7A6333-Q1, TPS7A6350-Q1, TPS7A6401-Q1
www.ti.com
SLVSAB1E – JUNE 2011 – REVISED SEPTEMBER 2015
6.6 Typical Characteristics
Figure 2. Quiescent Current vs Ambient Air Temperature
Figure 1. Quiescent Current vs Load Current
Measure dropout voltage when the output voltage drops by 100 mV
from the regulated output-voltage level. (For example, for an output
voltage programmed to be 5 V, measure the dropout voltage when
the output voltage drops down to 4.9 V from 5 V.)
Figure 3. Quiescent Current vs Input Voltage
Figure 4. Dropout Voltage vs Load Current
Figure 5. Output Voltage vs Ambient Air Temperature (VOUT
Figure 6. Output Voltage vs Input Voltage
Set To 5 V)
(VOUT Set To 5 V)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS7A6301-Q1 TPS7A6333-Q1 TPS7A6350-Q1 TPS7A6401-Q1


Similar Part No. - TPS7A6333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6333-Q1 TI1-TPS7A6333-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
More results

Similar Description - TPS7A6333-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com