Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBP-3201 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # PBP-3201
Description  Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc??????
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PBP-3201 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PBP-3201 Datasheet HTML 1Page - DENSEI-LAMBDA PBP-3201 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
169
PBP-SERIES
Features
(1) For equipment designed to conform EMI
regulations such as VCCI, CISPR, FCC, VDE,
etc.
(2) Attenuates conductive emission from power
supply
(3) Leakage Current: 0.75mA max. (250V, 60Hz)
(4) Compact size
(5) Low price
Safety standard
UL1283,
CSA Std. C22. 2 No. 8
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Circuit
Outline drawing
Derating
Specifications
1
2
3
4
5
6
7
8
9
Rated voltage (AC, DC)
Rated current (AC, DC)
(Note)
Test voltage (terminal to case, AC 1 minute)
Isolation resistance (terminal to case, 500VDC)
Leakage current
DC resistance
Temperature rise
Operating temperature range
Weight (typ)
250V
1500V
100M
Ω min
0.35mA max.
0.75mA max.
30°C max.
–20 ~ +85°C
15g
0.5
Ω max.
0.2
Ω max.
0.1
Ω max.
0.06
Ω max.
Item
Model
PBP-3201-22
PBP-3202-22
PBP-3203-22
PBP-3204-22
1A
2A
3A
4A
125V, 60Hz
250V, 60Hz
(Note) : Value at Ta
55°C. Refer to the derating curve shown below at Ta > 55°C.
PBP-3203
PBP-3201
PBP-3202
PBP-3204
Case: Plastic(UL94V-0)
Unit: mm
<
=


Similar Part No. - PBP-3201

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PBP-30 MINI-PBP-30 Datasheet
212Kb / 1P
   Bandpass Filter
PBP-30++ MINI-PBP-30+ Datasheet
212Kb / 1P
   Bandpass Filter
PBP-35N MINI-PBP-35N Datasheet
213Kb / 1P
   Bandpass Filter
PBP-35N++ MINI-PBP-35N+ Datasheet
213Kb / 1P
   Bandpass Filter
PBP-35W MINI-PBP-35W Datasheet
238Kb / 1P
   Bandpass Filter
More results

Similar Description - PBP-3201

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MAF1206 LAMBDA-MAF1206 Datasheet
137Kb / 2P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
MAS1206 LAMBDA-MAS1206 Datasheet
139Kb / 2P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MAW-12R5 LAMBDA-MAW-12R5 Datasheet
152Kb / 3P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
PBF-1201 LAMBDA-PBF-1201 Datasheet
132Kb / 2P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc????
PBW-1201 LAMBDA-PBW-1201 Datasheet
152Kb / 2P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???????
MZS1206 LAMBDA-MZS1206 Datasheet
147Kb / 2P
   Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
MBS1205 LAMBDA-MBS1205 Datasheet
205Kb / 3P
   Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
   OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
   Conductive EMI Meets CISPR/FCC Class B
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com