Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ36002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ36002
Description  SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ36002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ36002 Datasheet HTML 2Page - Texas Instruments LMZ36002 Datasheet HTML 3Page - Texas Instruments LMZ36002 Datasheet HTML 4Page - Texas Instruments LMZ36002 Datasheet HTML 5Page - Texas Instruments LMZ36002 Datasheet HTML 6Page - Texas Instruments LMZ36002 Datasheet HTML 7Page - Texas Instruments LMZ36002 Datasheet HTML 8Page - Texas Instruments LMZ36002 Datasheet HTML 9Page - Texas Instruments LMZ36002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: LMZ36002
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
The minimum PVIN is 4.5 V or (VOUT / 0.75), whichever is greater. For VOUT = 3.3 V, the minimum PVIN is 4.75 V when IOUT > 1.5 A.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
Guaranteed by design. Not production tested.
6.5 Electrical Characteristics
Over -40°C to +105°C free-air temperature, PVIN = 24 V, VOUT = 5 V, IOUT = IOUT max, ƒsw = 500 kHz, CIN1 = 1 x 10-µF, 100-V
1210 ceramic, CIN2 = 1 x 100-µF 100-V electrolytic bulk, and COUT = 3 x 47-µF, 16-V 1210 ceramic (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (PVIN)
PVIN
Input voltage range
Over IOUT range
4.5(1)
60
V
UVLO
PVIN undervoltage lockout
PVIN increasing
3.2
3.8
V
PVIN decreasing
2.8
V
OUTPUT VOLTAGE
VOUT (ADJ)
Output voltage adjust range
Over IOUT range
2.5
7.5
V
VOUT
Set-point voltage tolerance
TA = 25°C, IOUT = 300 mA
±0.7
±1.5(2)
%
Temperature variation
-40°C
≤ TA ≤ 105°C, IOUT = 0 A
±0.9
%
Line regulation
TA = 25°C, Over PVIN range, IOUT = 300 mA
±0.1
%
Load regulation
TA = 25°C, IOUT = 300 mA to IOUT max
±0.3
%
Total output voltage variation
Includes set-point, line, load, and temperature
±2
%
VOUT ripple
Output voltage ripple
20-MHz Bandwidth
10
mV/pp
OUTPUT CURRENT
IOUT
Output current
TA = 105°C, natural convection
0
1.5
A
IOUT
Output current
TA = 105°C, 200LFM
0
2
A
IOUT
Output current
TA = 95°C, natural convection
0
2
A
ILIM
Overcurrent threshold
2.5
A
PERFORMANCE
η
Efficiency
PVIN = 12 V
IOUT = 1 A
VOUT = 7.5 V; ƒSW = 400 kHz
95
%
VOUT = 5 V; ƒSW = 200 kHz
93
%
VOUT = 5 V; ƒSW = 500 kHz
92
%
VOUT = 3.3 V; ƒSW= 200 kHz
90
%
VOUT = 2.5 V; ƒSW = 200 kHz
87
%
PVIN = 24 V
IOUT = 1 A
VOUT = 7.5 V; ƒSW = 400 kHz
92
%
VOUT = 5 V; ƒSW= 250 kHz
90
%
VOUT = 5 V; ƒSW= 500 kHz
88
%
VOUT = 3.3 V; ƒSW = 250 kHz
86
%
VOUT = 2.5 V; ƒSW = 250 kHz
81
%
Transient response
IOUT = 50%
load step
1 A/µs slew rate
Recovery time
100
µs
Over/Undershoot
2
%
SLOW START
TSS
Internal slow start time
SS/TR pin open
4.1
ms
INHIBIT
VINH (high)
Inhibit control
Precision inhibit level
2.00
2.1
2.42
V
VINH (hys)
Inhibit turn-off hysteresis
-0.294
V
II (shutdown) Input shutdown supply
current
INH/UVLO pin conected to AGND
2.4
6.2(3)
µA
POWER GOOD (PWRGD)
VPWRGD
PWRGD thresholds
VOUT rising
Good
95
%
Fault
110
%
VOUT falling
Fault
90
%
Good
105
%


Similar Part No. - LMZ36002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Similar Description - LMZ36002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Maxim Integrated Produc...
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com