Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCW401Z4 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # FCW401Z4
Description  1.5A Single Flash LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

FCW401Z4 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  FCW401Z4 Datasheet HTML 1Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 2Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 3Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 4Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 5Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 6Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 7Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 8Page - Skyworks Solutions Inc. FCW401Z4 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied.
2. Mounted on an FR4 board.
3. Derate 20mW/°C above 25°C.
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Symbol
Description
Value
Units
IN, OUT, SW
Maximum Rating
-0.3 to 6.0
V
EN/SET, FLEN,
FLINH, RSET, FL
Maximum Rating
-0.3 to VIN + 0.3
TJ
Operating Junction Temperature Range
-40 to 150
C
TS
Storage Temperature Range
-65 to 150
TLEAD
Maximum Soldering Temperature (at Leads, 10 sec)
300
Thermal Information2
Symbol
Description
Value
Units
JA
Thermal Resistance3
50
O
C/W
PD
Maximum Power Dissipation
2
W


Similar Part No. - FCW401Z4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW100 SEOUL-FCW100 Datasheet
284Kb / 12P
   Cellular phone?셲 Flash lighting
FCW100Z SEOUL-FCW100Z Datasheet
575Kb / 9P
   FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z Datasheet
324Kb / 12P
   FLASH LED DEVICE
FCW100Z SEOUL-FCW100Z_1 Datasheet
324Kb / 12P
   FLASH LED DEVICE
FCW101Z SEOUL-FCW101Z Datasheet
577Kb / 9P
   FLASH LED DEVICE
More results

Similar Description - FCW401Z4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com