Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPT2020-SMB2 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2020-SMB2
Description  GaN Wideband Transistor 48 V, 50 W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2020-SMB2 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT2020-SMB2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2020-SMB2 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GaN Wideband Transistor 48 V, 50 W
DC - 3.5 GHz
NPT2020
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Rev. V1
Frequency
(MHz)
ZS
(Ω)
ZL
(Ω)
PSAT
(W)
GSS
(dB)
Drain Efficiency
at PSAT (%)
2700
1.6 - j7.2
2.9 + j2.3
65
16.2
58
3100
1.5 - j8.6
2.9 + j0.6
64
16.1
55
3500
1.9 - j10.7
2.9 - j0.7
62
15.7
53
Load-Pull Performance: VDS = 48 V, IDQ = 350 mA, TC = 25 °C
Reference Plane at Device Leads, CW Drain Efficiency and Output Power Tradeoff Impedance
Gain vs. Output Power
Drain Efficiency vs. Output Power
Impedance Reference
ZS and ZL vs. Frequency
ZS
ZL
11
12
13
14
15
16
17
18
19
30
35
40
45
50
2700 MHz
3100 MHz
3500 MHz
Output Power (dBm)
0
10
20
30
40
50
60
30
35
40
45
50
2700 MHz
3100 MHz
3500 MHz
Output Power (dBm)


Similar Part No. - NPT2020-SMB2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 8P
   Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
More results

Similar Description - NPT2020-SMB2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
logo
TriQuint Semiconductor
QPD1016 TRIQUINT-QPD1016 Datasheet
1Mb / 25P
   50 V, 500 W GaN RF Transistor
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
WOLFSPEED, INC.
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com