Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAUC-011003-001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAUC-011003-001SMB
Description  Up Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAUC-011003-001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAUC-011003-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAUC-011003-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Up Converter
27.5 - 33.4 GHz
Rev. V1
MAUC-011003
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves: LO = 0 dBm, IF = -10 dBm @ 2 GHz, PDC = 1.38 W
Input IP3
0
5
10
15
20
25
30
27
28
29
30
31
32
33
34
LSB = +25°C
USB = +25°C
LSB = -40°C
USB = -40°C
LSB = +85°C
USB = +85°C
Frequency (GHz)
Input IP3 @ 27.5 GHz
Input IP3 @ 27.5 GHz
Input IP3 @ 33.5 GHz
Input IP3 @ 33.5 GHz
0
5
10
15
20
25
0
40
80
120
160
200
240
LSB = +25°C
USB = +25°C
LSB = -40°C
USB = -40°C
LSB = +85°C
USB = +85°C
ID1 + ID2 (mA)
0
5
10
15
20
25
0
40
80
120
160
200
240
LSB = +25°C
USB = +25°C
LSB = -40°C
USB = -40°C
LSB = +85°C
USB = +85°C
ID1 + ID2 (mA)
0
5
10
15
20
25
40
60
80
100
120
140
160
LSB = +25°C
USB = +25°C
LSB = -40°C
USB = -40°C
LSB = +85°C
USB = +85°C
ID3 (mA)
0
5
10
15
20
25
40
60
80
100
120
140
160
LSB = +25°C
USB = +25°C
LSB = -40°C
USB = -40°C
LSB = +85°C
USB = +85°C
ID3 (mA)


Similar Part No. - MAUC-011003-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
MAUC-011009-000SMB MA-COM-MAUC-011009-000SMB Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
MAUC-011009-TR0500 MA-COM-MAUC-011009-TR0500 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
More results

Similar Description - MAUC-011003-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH_15 Datasheet
1Mb / 10P
   Up-Converter
XU1010-QH MA-COM-XU1010-QH Datasheet
913Kb / 5P
   Up Converter
XU1010-QH MA-COM-XU1010-QH_15 Datasheet
913Kb / 5P
   Up Converter
MAUC-010506 MA-COM-MAUC-010506_15 Datasheet
866Kb / 7P
   Up Converter
MAUC-010515-V3 MA-COM-MAUC-010515-V3 Datasheet
652Kb / 7P
   Up Converter
logo
Intersil Corporation
HFA3624 INTERSIL-HFA3624 Datasheet
186Kb / 19P
   2.4GHz Up/Down Converter
November 1998
logo
DAICO Industries, Inc.
CHD09297 DAICO-CHD09297 Datasheet
32Kb / 1P
   4 Channel Up-Converter
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
TriQuint Semiconductor
TGC4407-SM TRIQUINT-TGC4407-SM Datasheet
570Kb / 16P
   Ka-Band Up-Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217_05 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com