Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD10-1R0-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SD10-1R0-R Datasheet HTML 1Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Pin Descriptions
Pin # Symbol Description
1,5
AGND
Analog ground pin. Connect AGND to PGND, and FLGND at a single point as close to the AAT1274 as possible.
2
EN/SET
Enable and Serial Control input. EN/SET is the AS2Cwire addressing and programming input to: a) adjust the
movie-mode current level; b) select the Flash-to-Movie-mode ratio;
3
FL
LED Flash current sink pin. Connect the cathode of Flash LED to FL.
4
FLEN
Flash enable pin. A low-to-high transition on the FLEN pin initiates a flash pulse and a high-to-low transition
on the FLEN pin terminates a flash pulse
6IN
Flash output boost converter power input. Connect IN to the input power source. Connect a 2.2μF or larger
ceramic capacitor from IN to PGND and locate as close as possible to the AAT1274 package for optimum per-
formance.
7
PGND
Power ground. Connect PGND to the same single point as AGND located as close to the AAT1274 as possible
8
OUT
Power output of the boost converter. Connect a 2.2μF or larger ceramic capacitor from OUT to PGND as close
as possible to the AAT1274. Connect OUT to the anode of the Flash LED.
9, 12
NC
Not connected
10
SW
Boost converter switching node. Connect a 1μH inductor between SW and IN.
11
FLINH
Flash inhibit pin. FLINH is an active HIGH control input with an internal 200kΩ resistor to AGND. A low-to-
high transition on the FLINH pin reduces FL sink current to the maximum (default) movie-mode current level.
13
FLGND
Flash ground pin. Connect FLGND to PGND, and AGND at a single point as close to the AAT1274 as possible.
14
RSET
Flash current set pin. Connect a resistor from RSET to AGND to program the desired flash current for the cur-
rent sink FL.
EP
Electrical back contact. Connect to a good thermal ground pad
Pin Configuration
TDFN33-14
(Top View)
AGND
EN/SET
FL
1
FLEN
AGND
IN
RSET
FLGND
N/C
FLINH
SW
N/C
2
3
4
5
6
PGND 7
12
11
14
13
10
9
OUT
8


Similar Part No. - SD10-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD10-1R0-R EATON-SD10-1R0-R Datasheet
746Kb / 9P
   Low profile metalized shielded drum core power inductors
More results

Similar Description - SD10-1R0-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
   1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
   High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
   High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com