Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1027607 Datasheet(PDF) 2 Page - SICK AG

Part # 1027607
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027607 Datasheet(HTML) 2 Page - SICK AG

  1027607 Datasheet HTML 1Page - SICK AG 1027607 Datasheet HTML 2Page - SICK AG 1027607 Datasheet HTML 3Page - SICK AG 1027607 Datasheet HTML 4Page - SICK AG 1027607 Datasheet HTML 5Page - SICK AG 1027607 Datasheet HTML 6Page - SICK AG 1027607 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DML40-2-1111 | DML
LONG RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DML40-2-1111
1027607
Other models and accessories
www.sick.com/DML
Detailed technical data
Performance
Measuring range
0.5 m ... 600 m, on reflective tape "Diamond Grade" 1)
0.5 m ... 800 m, on reflector PL880FS01 2)
0.5 m ... 1,200 m, on reflector OP60 3)
Resolution
≤ 1 mm
Repeatability
6 mm 4) 5)
Accuracy
± 10 mm 6) 7)
Response time
1 ms ... 600 ms 8)
Cycle time
5,120 per sec.
Average depth
1/16/64/256/1,024
Output time
1 ms ... 600 ms 8)
Light source
Laser, infrared
Laser class
1 (EN 60825-1:Nov.2001, IEC 60825-1:ÄM2:2001)
Typ. light spot size (distance)
20 mm (+ 5 x distance in m)
1) On reflective tape "Diamond Grade"
2) On reflector PL880FS01.
3) On reflector OP60.
4) 6 % ... 90 % remission.
5) Environmental conditions constant, min. warm-up time 30 min, average depth 1,024, statistical error 1 σ.
6) 23 °C air temperature, 977 hPa, min. warm-up time 30 min.
7) When operating in ambient temperatures between +40 °C ... +55 °C the accuracy can decrease by factor 2.5.
8) Dependent on averaging method, averaging depth, timeout, baud rate, data output, and output format.
Interfaces
Analog output
4 mA ... 20 mA, scalable 1)
Switching output
Q1, Q2 1)
Data interface
RS-422, RS-232 2)
Interface for parametrization
RS-232
1) Output Q short-circuit protected.
2) Switchable.


Similar Part No. - 1027607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027607 PHOENIX-1027607 Datasheet
1Mb / 13P
   DMCC 0,5/ 5-ST-2,54
More results

Similar Description - 1027607

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com