Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EWS5000T-3.3 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # EWS5000T-3.3
Description  Single output 1500W ~ 5000W?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

EWS5000T-3.3 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  EWS5000T-3.3 Datasheet HTML 1Page - DENSEI-LAMBDA EWS5000T-3.3 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
19
EWS-T-SERIES
Single output 1500W ~ 5000W
1. Input voltage range
2. Power factor
3. Output voltage
range
4. Cooling
5. Operating ambient
temperature
6. Withstand voltage
7. Safety standard
8. Functions
3 phases-3 wire 170 ~ 265VAC (47 ~ 63 Hz)
0.95 (typ) 200VAC at full load
±20% (2V, 3.3V: –10 ~ +20%), 0V to nominal output voltage x 120% by external control
Forced air cooling by internal fan
–10 ~ +60°C (Standard mounting)
Output derating: 70% at –10°C, 100% at 0 ~ +50°C, 70% at +60°C
Input–output: 2.5kVAC, Output–chassis: 2.5kVAC, Output–chassis: 500VAC for 1 min.
Conforms to UL and CSA
Over voltage protection, Over current protection, Thermal protection, Remote sensing
Remote on/off control, Power failure signal, Output current balancing
Model name
EWS 1500T-5
Features
Compact size/3 phase-3 wire/High power
Input: 3ø200V, Power factor: 0.95
Output voltage programmable:
0V to nominal output voltage by external control.
Voltage adjustable range: ±20%
Load current sharing
Open phase detector
3 year warranty
Name of series
Output power
Nominal output voltage
Specifications
3 year warranty
Product lineup
: Safety standard approved
∆ : Conforms to safety standard
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
EWS1500T-2
EWS1500T-3.3
EWS1500T-5
EWS1500T-10
EWS1500T-12
EWS1500T-15
EWS1500T-24
EWS1500T-36
EWS1500T-48
EWS3000T-2
EWS3000T-3.3
EWS3000T-5
EWS3000T-10
EWS3000T-12
EWS3000T-15
EWS3000T-24
EWS3000T-36
EWS3000T-48
EWS5000T-2
EWS5000T-3.3
EWS5000T-5
EWS1500T
EWS3000T
EWS5000T
2V
3.3V
5V
10V
12V
15V
24V
36V
48V
2V
3.3V
5V
10V
12V
15V
24V
36V
48V
2V
3.3V
5V
300A
300A
300A
150A
125A
100A
63A
42A
32A
600A
600A
600A
300A
250A
200A
125A
84A
63A
1000A
1000A
1000A
600W
990W
1500W
1500W
1500W
1500W
1512W
1512W
1536W
1200W
1980W
3000W
3000W
3000W
3000W
3000W
3024W
3024W
2000W
3300W
5000W
Model name
Nominal output voltage
Max. output current
Max. DC output power
UL
CSA
EWS1500T
EWS3000T
EWS5000T


Similar Part No. - EWS5000T-3.3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
EWS50-12 LAMBDA-EWS50-12 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS50-15 LAMBDA-EWS50-15 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS50-18 LAMBDA-EWS50-18 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS50-24 LAMBDA-EWS50-24 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS50-28 LAMBDA-EWS50-28 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
More results

Similar Description - EWS5000T-3.3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
EWS15 LAMBDA-EWS15 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
logo
COTEK ELECTRONIC IND. C...
AE-1500 COTEK-AE-1500 Datasheet
1Mb / 7P
   1500W Programmable Single Output
23/05/18
AE-1500FET COTEK-AE-1500FET Datasheet
1Mb / 8P
   1500W Programmable Single Output
23/05/18
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com