Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0176 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0176
Description  GaAs SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0176 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SPDT Switch
0.05 - 3 GHz
Rev. V1
MASWSS0176
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Return Loss
Insertion Loss
Typical Performance Curves
Isolation
0.0
0.1
0.2
0.3
0.4
0.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
20
22
24
26
28
30
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0
10
20
30
40
50
60
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)


Similar Part No. - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
Tyco Electronics
MASWSS0176SMB MACOM-MASWSS0176SMB Datasheet
182Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176SMB MA-COM-MASWSS0176SMB Datasheet
75Kb / 3P
   GaAs SPDT Switch 0.05 - 3 GHz
More results

Similar Description - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
   GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
   GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
   GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
   GaAs SPDT Switch
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
   GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
   GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
   GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
   GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com