Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-008177-001SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008177-001SMB
Description  SPST High Isolation CATV Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008177-001SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-008177-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008177-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008177-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008177-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008177-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPST High Isolation CATV Switch
5 - 1000 MHz
Rev. V1
MASW-008177
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0V / 5V, Z0 = 75 
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.45
0.65
0.9
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
50
70
53
Return Loss (On)
Return Loss (Off)
(RF1 only)
5 – 50 MHz
50 – 1000 MHz
5 – 50 MHz
50 – 1000 MHz
dB
dB
dB
dB
30
16
30
18
IP3
Two Tone, +10 dBm / tone, 6 MHz Spacing, > 50 MHz
dBm
52
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
20
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
40
Transients
In Band
mV
30
Control Current
|Vc| = 5V
µA
10
25
3. External DC blocking capacitors are required on all RF ports.
Parameter
Absolute Maximum
Input Power
(5 - 1000 MHz, 2.5V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 4,5
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
V1
V2
RF1—RF2
1
0
On
0
1
Off
Truth Table 6
6. 0 = 0 V +/- 0.2 V; 1 = +2.5 V to +5.0 V.


Similar Part No. - MASW-008177-001SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177-001SMB MACOM-MASW-008177-001SMB Datasheet
117Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008177-001SMB MA-COM-MASW-008177-001SMB Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASW-008177-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
Tyco Electronics
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0102 MACOM-MASWSS0102 Datasheet
288Kb / 6P
   SPST High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
   SPST High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
   SPDT High Isolation CATV Switch
MASWSS0103 MA-COM-MASWSS0103_15 Datasheet
707Kb / 5P
   SPDT High Isolation CATV Switch
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
   SPST CATV UltraCMOS??Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com