Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007071-0001TB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007071-0001TB
Description  GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007071-0001TB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-007071-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007071-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007071-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007071-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-007071-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-007071-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GaAs SPDT Switch, Absorptive,
Single Supply, DC-4.0 GHz
Rev. V4
MASW-007071-000100
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Functional Schematic12
12. Dual Supply Operation will eliminate the start-up current mentioned in Note 5. It will also eliminate spurious signals caused
by the DC-DC converter that are present in single supply operation.
Isolation (dB) vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
0.0
0.4
0.8
1.2
1.6
2.0
0
1000
2000
3000
4000
Frequency (MHz)
+ 85 °C
- 40 °C
+ 25 °C
0
15
30
45
60
75
90
0
1000
2000
3000
4000
Frequency (MHz)
Out - Out
R F C - R F n


Similar Part No. - MASW-007071-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007071-0001TB MACOM-MASW-007071-0001TB Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results

Similar Description - MASW-007071-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
   GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com