Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWS50-24 Datasheet(PDF) 5 Page - DENSEI-LAMBDA

Part # JWS50-24
Description  Single output 50W ~ 600W???
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

JWS50-24 Datasheet(HTML) 5 Page - DENSEI-LAMBDA

  JWS50-24 Datasheet HTML 1Page - DENSEI-LAMBDA JWS50-24 Datasheet HTML 2Page - DENSEI-LAMBDA JWS50-24 Datasheet HTML 3Page - DENSEI-LAMBDA JWS50-24 Datasheet HTML 4Page - DENSEI-LAMBDA JWS50-24 Datasheet HTML 5Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
28
JWS-SERIES
JWS300 (300W type)
(Unit: mm)
JWS600 (600W)
(Unit: mm)
A
A
A
NOTE A: M4 tapped holes (20) for customer chassis mounting.
[Screws must not protrude into power supply by more
than 6m/m.]
NOTE A: M4 tapped holes (16) for customer chassis mounting.
[Screws must not protrude into power supply by more
than 6m/m.]
A
A
A
MB1210
GO!!
P137
Recommended Noise Filter
MB1216
GO!!
P137
Recommended Noise Filter


Similar Part No. - JWS50-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
JWS50-24A TDK-JWS50-24A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
More results

Similar Description - JWS50-24

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
ZWS100AF LAMBDA-ZWS100AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
PB-600 MEANWELL-PB-600_11 Datasheet
441Kb / 5P
   600W Single Output Battery Charger
HEP-600C MEANWELL-HEP-600C Datasheet
114Kb / 4P
   600W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com