Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEN20-74 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # GEN20-74
Description  Programmable DC Power Supplies 750W/1500W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN20-74 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  GEN20-74 Datasheet HTML 1Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 2Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 3Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 4Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 5Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 6Page - DENSEI-LAMBDA GEN20-74 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1. Remote/Local Output Voltage Sense Connections
2. DIP Switches select 0-5V or 0-10V Programming and other functions.
3. DB25 (Female) connector allows (Non-isolated) Analog Program and Monitor as well as other functions.
4. RS485 Out to other Genesys Power Supplies
5. RS232/RS485 IN Remote Serial Programming
6. Output Terminals are rugged bus bars for 6-60V Output, higher output voltage models have terminal block connector.
7. Exit air assures reliable operation when zero stacked
8. Wide-Range Input 85-265VAC continuous, 47/63Hz with Active Power Factor Correction (0.99)
AC Input Connector 750W: IEC320, 1500W: Screw terminal Model Shown
9. Position for Optional Isolated Analog Programming or GPIB Digital Interface model shown
Front Panel Description
Rear Panel Description
1. AC On/Off
2. Air Intake allows zero stacking for maximum system flexibility and power density
3. Reliable encoder controls Output Voltage and sets Address.
4. Volt Meter shows Output Voltage and directly displays OVP, UVL and Address settings.
5. Amp Meter also displays baud rate.
6. Reliable encoder controls Output Current and sets baud rate.
7. Function/Status LED's
8. Pushbuttons allow flexible user configuration
Coarse and Fine Voltage and Current Adjustment of Output
Preview Settings and Set Voltage while in Current Mode or with Output OFF
Set OVP and UVL Limits
Set Current Foldback
Local/Remote Mode and select Address and Baud Rate
Output ON/OFF and Auto Start/Safe Start Mode
Alarm
Fine Control
Preview Settings
Foldback Mode
Remote Mode
Output On
|2


Similar Part No. - GEN20-74

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GEN20-76 TDK-GEN20-76 Datasheet
111Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GEN20-74

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3642A KEYSIGHT-E3642A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com