Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-004240-13170W Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-004240-13170W
Description  SP4T Surface Mount Silicon PIN Diode Switch RoHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-004240-13170W Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-004240-13170W_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-004240-13170W_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HMIC™ SP4T Surface Mount Silicon PIN Diode Switch
RoHS Compliant
Rev. V1
MASW-004240-13170W
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
MASW-004240-13170W (SP4T)
Electrical Specifications @ TAMB = +25
oC
Parameter
Frequency
Port 1
Port 2
Stimulus
Mini-
mum
Typical
Maximum
Insertion
Loss
10GHz
&
24GHz
J1
J2
12mA @ B2
2.5
3.5dB
J1
J3
12mA @ B3
2.5
3.5dB
J1
J4
12mA @ B4
2.5
3.5dB
J1
J5
12mA @ B5
2.5
3.5dB
Isolation
10GHz
&
24GHz
J1
J2
12mA @ B2
40dB
50
J1
J3
12mA @ B3
40dB
50
J1
J4
12mA @ B4
40dB
50
J1
J5
12mA @ B5
40dB
50
Input Return
Loss
10GHz
&
24GHz
J1
J2
12mA @ B2
14
J1
J3
12mA @ B3
14
J1
J4
12mA @ B4
14
J1
J5
12mA @ B5
14


Similar Part No. - MASW-004240-13170W_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
More results

Similar Description - MASW-004240-13170W_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
   SP4T AlGaAs PIN Diode Switch RoHS Compliant
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
608Kb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W_2 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170 Datasheet
255Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170W MA-COM-MASW-004240-13170W Datasheet
257Kb / 6P
   HMIC??SP4T Surface Mount Silicon PIN Diode Switch
MASW-004240-13170 MA-COM-MASW-004240-13170_15 Datasheet
255Kb / 6P
   HMIC SP4T Surface Mount Silicon PIN Diode Switch
MASW-004103-1365 MA-COM-MASW-004103-1365_15 Datasheet
1Mb / 8P
   Silicon SP4T Surface Mount HMIC PIN Diode Switch
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
   HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com