Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3807CQEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807CQEX
Description  3.3V Fast CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807CQEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI49FCT3807CQEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807CQEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
5
PS7010F
11/16/09
Switching Waveforms
Propagation Delay
Package Skew – tSK(t)
Pulse Skew – tSK(p)
Output Skew – tSK(o)
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
2.0V
0.5V
tR
tF
Input
tPLHx
3V
1.5V
0V
Ox
VOH
1.5V
VOL
tPHLx
tSK(o)
Oy
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
tSK(o) = | tPLHy – tPLHx | or | tPHLy – tPHLx |
Input
tPLH
3V
1.5V
0V
Output
VOH
1.5V
VOL
tPHL
tSK(p) = | tPHL – tPLH |
Input
tPLH1
3V
1.5V
0V
Package 1
Output
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Output
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
tSK(t) = | tPLH2 – tPLH1 | or | tPHL2 – tPHL1 |
09-0005


Similar Part No. - PI49FCT3807CQEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807CQE PERICOM-PI49FCT3807CQE Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3807CQE PERICOM-PI49FCT3807CQE Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807CQEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807 Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com