Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3807BSEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807BSEX
Description  3.3V Fast CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807BSEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT3807BSEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807BSEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
4
PS7010F
11/16/09
Phase Jitter Measurement Data
Frequency Band
Input
Output
Additive Jitter
Unit
12kHz-10MHz
342
483
341
fsRMS
12kHz-20MHz
493
642
411
fsRMS
Tests Circuits for All Outputs
Pulse
Generator
f = 125MHz
D.U.T.
50
Ω
CL
15pF
VCC
Switch Position
Test
Switch
Disable LOW
Enable LOW
6V
Disable HIGH
Enable HIGH
GND
All Other Inputs
Open
09-0005


Similar Part No. - PI49FCT3807BSEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807BSE PERICOM-PI49FCT3807BSE Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
More results

Similar Description - PI49FCT3807BSEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
PI49FCT3807 PERICOM-PI49FCT3807 Datasheet
436Kb / 7P
   3.3V Fast CMOS Clock Driver
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com