Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3805BQE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805BQE
Description  3.3V Fast CMOS Buffer/Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805BQE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI49FCT3805BQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI49FCT3805BQE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PI49FCT3805/PI49FCT3806
3.3V Fast CMOS Buffer/Clock Driver
www.pericom.com
PS7007L
07/23/10
PI49FCT3805 Ordering Information
Ordering Code
Package Code
Speed Grade
Package Description
PI49FCT3805AHE
H
A
Pb-free & Green, 20-pin 209-mil SSOP
PI49FCT3805BHE
H
B
Pb-free & Green, 20-pin 209-mil SSOP
PI49FCT3805BQE
Q
B
Pb-free & Green, 20-pin 150-mil QSOP
PI49FCT3805CHE
H
C
Pb-free & Green, 20-pin 209-mil SSOP
PI49FCT3805CQE
Q
C
Pb-free & Green, 20-pin 150-mil QSOP
PI49FCT3805QE
Q
Blank
Pb-free & Green, 20-pin 150-mil QSOP
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free and Green
Adding an X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336
PI49FCT3806 Ordering Information
Ordering Code
Package Code
Speed Grade
Package Description
PI49FCT3806BQE
Q
B
Pb-free & Green, 20-pin 150-mil QSOP
Notes:
Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
E = Pb-free and Green
Adding an X suffix = Tape/Reel
11-0004


Similar Part No. - PI49FCT3805BQE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI49FCT3805BQEX DIODES-PI49FCT3805BQEX Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT3805BQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com