Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC4840 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
Z = 50-Ohm
o
Z = 50-Ohm
o
LVDS Buffer
Agilent E5052A/
Wavecrest
DTS-2079
Agilent 4402B
0.1µF
0.1µF
50Ω
Figure 5. LVDS Test Circuit for Phase Noise, Period Jitter, and PSRR
Z = 50Ω
LVDS
3.3V ±5%
Power Supply
+ Float GND -
VDD
VDDO_QC
VDDA
50Ω
50Ω
Qx
nQx
SCOPE
Figure 3. Differential Output Voltage Setup (VOD)
Figure 4. OffsetVoltage Setup (VOS)
VDD
DC Input
100Ω
LVDS
out
out
VOD/∆ VOD
VDD
DC Input
50Ω
50Ω
LVDS
out
out
VOS/∆ VOS
Figure 1. LVDS Output Load AC Test Circuit
Figure 2. LVCMOS Output Load AC Test Circuit
3.3V ±5%
VDD
VDDO_QA
VDDA
15pF
VDDO_QC
GND
LVCMOS
3.3V ±5%
10Ω
10-0249


Similar Part No. - PI6LC4840

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
PI6LC4820ZDE PERICOM-PI6LC4820ZDE Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC4830ZHE PERICOM-PI6LC4830ZHE Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
   Clock Generator for Power PC
More results

Similar Description - PI6LC4840

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844S012I-01 RENESAS-844S012I-01 Datasheet
578Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
January 5, 2016
844S012 RENESAS-844S012 Datasheet
413Kb / 25P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844S012 IDT-844S012 Datasheet
215Kb / 24P
   Crystal-to-LVDS/LVCMOS Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com