Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48S04 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6LC48S04
Description  HiFlex Serial Interface Clock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48S04 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6LC48S04 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC48S04 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
PI6LC48S04
HiFlex Serial Interface Clock
PI6LC48S04 RevA
10/12/15
Power Supply Filtering Techniques
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. To achieve optimum jitter perfor-
mance, power supply isolation is required. The PI6LC48S04 provides separate power supplies to isolate any high switching noise
from the outputs to the internal PLL. VDD and VDDA should be individually connected to the power supply plane through vias, and
0.1μF bypass capacitors should be used for each pin. Figure below illustrates this for a generic VDD pin and also shows that VDDA
requires that an additional 10Ω resistor along with a 10μF bypass capacitor be connected to the VDDA pin.
VDD
0.1µF
0.1µF
10µF
10Ω *
3.3V or 2.5V
VDDA
* If VDD is 2.5V, the resistor value will be di erent, see app note for details
15-0128


Similar Part No. - PI6LC48S04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
   Next Generation HiFlex Ethernet Network Clock Generator
PI6LC48S25AZBBIE PERICOM-PI6LC48S25AZBBIE Datasheet
1Mb / 16P
   Next Generation HiFlex Ethernet Network Clock Generator
More results

Similar Description - PI6LC48S04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0101 PERICOM-PI6LC48P0101 Datasheet
1Mb / 9P
   HiFlex 10GbE Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
   HiFlex Network Clock Generator
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
   HiFlex Ethernet Network Clock Generator
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
   Next Generation HiFlex Ethernet Network Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
   11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
logo
Epson ToYoCom
RX-4575LC EPSONTOYOCOM-RX-4575LC Datasheet
296Kb / 2P
   SERIAL INTERFACE REAL TIME CLOCK MODULE
RX-4801SA EPSONTOYOCOM-RX-4801SA Datasheet
382Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RA-4574SA EPSONTOYOCOM-RA-4574SA Datasheet
329Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RX-4581NB EPSONTOYOCOM-RX-4581NB Datasheet
296Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com