Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48P03LEX Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6LC48P03LEX
Description  3-Output LVPECL Networking Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P03LEX Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6LC48P03LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48P03LEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.pericom.com
PI6LC48P03
Rev. C
5/7/2015
PI6LC48P03
3-Output LVPECL Networking Clock Generator
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal through an AC coupling capacitor. A general interface diagram
is shown in the figure below. The XTAL_OUT pin can be left floating. The input edge rate can be as slow as 10ns. For LVCMOS
signals, it is recommended that the amplitude be reduced from full swing to half swing in order to prevent signal interference with
the power rail and to reduce noise. This configuration requires that the output impedance of the driver (Ro) plus the series resis-
tance (Rs) equals the transmission line impedance. In addition, matched termination at the crystal input will attenuate the signal in
half. This can be done in one of the two ways. First, R1 and R2 in parallel should equal the transmission line empedance. For most
50Ω applications, R1 and R2 can be 100Ω. This can also be accomplished by removing R1 and making R2 50Ω. By overdriving the
crystal oscillator, the device will be functional, but note, the device performance is quaranteed by using a quartz crystal.
V
R2
50Ω
DD
Ro
Rs
Zo = Ro + Rs
R1
XTAL_IN
XTAL_OUT
VDD
0.1µF
15-0059


Similar Part No. - PI6LC48P03LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301AZHE PERICOM-PI6LC48P0301AZHE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301AZHIE PERICOM-PI6LC48P0301AZHIE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301LE PERICOM-PI6LC48P0301LE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P03LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201 PERICOM-PI6LC48L0201 Datasheet
946Kb / 10P
   2-Output LVDS Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com