Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48P03LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P03LE
Description  3-Output LVPECL Networking Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P03LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P03LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P03LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.pericom.com
PI6LC48P03
Rev. C
5/7/2015
PI6LC48P03
3-Output LVPECL Networking Clock Generator
Output Frequency Selection Table
Xtal Frequency
(MHz)
NA_SEL1 / NB_
SEL1
NA_SEL0 / NB_
SEL0
FBN
Output Frequency (MHz)
31.25
0
0
0
625
31.25
0
1
0
312.5 (Bank A Default)
31.25
1
0
0
156.25 (Bank B Default)
31.25
1
1
0
125
26.041666
0
0
1
625
26.041666
0
1
1
312.5 (Bank A Default)
26.041666
1
0
1
156.25 (Bank B Default)
26.041666
1
1
1
125
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
FBN = 0
28
31.25
35
MHz
FBN = 1
23.33
26.04166
29.167
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FY3120001, SMD 5x3.2(4P), 31.25MHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
b) FL2600155, SMD 3.2x2.5(4P), 26.041666MHz, CL18pF, +/-20ppm
https://www.pericom.com/assets/Datasheets/FL.pdf
15-0059


Similar Part No. - PI6LC48P03LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301AZHE PERICOM-PI6LC48P0301AZHE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301AZHIE PERICOM-PI6LC48P0301AZHIE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301LE PERICOM-PI6LC48P0301LE Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
More results

Similar Description - PI6LC48P03LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201 PERICOM-PI6LC48L0201 Datasheet
946Kb / 10P
   2-Output LVDS Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com