Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48L0201 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC48L0201
Description  2-Output LVDS Networking Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC48L0201 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
Block Diagram
Description
The PI6LC48L0201 is a 2-output LVDS synthesizer optimized to
generate Ethernet reference clock frequencies and is a member
of Pericom’s HiFlex family of high performance clock solutions.
Using a 25MHz crystal, the most popular Ethernet frequencies
can be generated based on the settings of 2 frequency select pins.
The PI6LC48L0201 uses Pericom’s proprietary low phase noise
PLL technology to achieve ultra low phase jitter, so it is ideal for
Ethernet interface in all kind of systems.
Features
Î
Î
Two differential LVDS output pairs
Î
Î
Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended clock input
Î
Î
Supports the following output frequencies: 62.5MHz,
125MHz, 156.25MHz
Î
Î
RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.2ps (typical)
Î
Î
RMS phase jitter @ 156.25MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.32ps (typical)
Î
Î
Full 3.3V or 2.5V supply modes
Î
Î
Commercial and industrial ambient operating temperature
Î
Î
Available in lead-free package: 20-TSSOP
Applications
Î
Î
Networking systems
2-Output LVDS Networking Clock Generator
PFD
VCO
M
OSC
XTAL_OUT
XTAL_IN
Ref_IN
IN_SEL
PLL_ByPass
/N
M_reset
N_SEL[0:1]
CLK0
CLK0#
CLK1
CLK1#
13-0115


Similar Part No. - PI6LC48L0201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201AZHIE PERICOM-PI6LC48L0201AZHIE Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48L0201AZHIEX PERICOM-PI6LC48L0201AZHIEX Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
More results

Similar Description - PI6LC48L0201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
   2-Output LVDS Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
   2-Output LVPECL Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0401 PERICOM-PI6LC48P0401 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6LC48P0405 PERICOM-PI6LC48P0405 Datasheet
1Mb / 9P
   4-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
   4-Output LVPECL Networking Clock Generator
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
   Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com