Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6LC48H04LIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48H04LIEX
Description  PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48H04LIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48H04LIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48H04LIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.pericom.com
PI6LC48H04
Rev.A
04/07/2015
All trademarks are property of their respective owners.
PI6LC48H04
PCIe 3.0 and Ethernet Clock Generator with 4 HCSL Outputs
Table 3: VSWING_CTRL Select Table
VSWING_CTRL
Output Amplitude (V)
0
0.63
Open (default)
0.75
1
0.87
15-0047


Similar Part No. - PI6LC48H04LIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6LC48H02LIE PERICOM-PI6LC48H02LIE Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6LC48H04LIEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-05B PERICOM-PI6C557-05B Datasheet
802Kb / 8P
   PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-01B PERICOM-PI6C557-01B Datasheet
925Kb / 8P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6C557-01BQ PERICOM-PI6C557-01BQ Datasheet
986Kb / 9P
   PCIe 3.0 Clock Generator with 1 HCSL Outputs
PI6CFGL402B PERICOM-PI6CFGL402B Datasheet
943Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 4 HCSL Outputs
PI6C557-05 PERICOM-PI6C557-05 Datasheet
819Kb / 9P
   PCIe 2.0 Clock Generator with 4 HCSL Outputs
PI6LC48H02 PERICOM-PI6LC48H02 Datasheet
960Kb / 9P
   PCIe 3.0/2.0/1.0 Clock Generator with 2 HCSL Outputs
PI6CFGL202B PERICOM-PI6CFGL202B Datasheet
931Kb / 8P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
logo
Diodes Incorporated
PI6CFGL202B DIODES-PI6CFGL202B_V01 Datasheet
960Kb / 9P
   Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
May 2018
logo
Pericom Semiconductor C...
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com