Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT20807HE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT20807HE
Description  1-10 Clock Buffer for Networking Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20807HE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT20807HE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PI49FCT20807
1-10 Clock Buffer for Networking Applications
www.pericom.com
09/25/14
Capacitance (T
A = 25°C, f = 1 MHz)
Note:
1. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Graph 1. Dynamic Current vs. Clock Frequency
Notes:
1. Seetestcircuitandwaveforms.
2. Skew measured at worse cast temperature (max. temp).
Switching Characteristics (V
DD = 2.5V ± 0.2V, TA = 85°C)
Test Circuits for All Outputs
Definitions:
CL =Loadcapacitance:includesjigandprobecapacitance.
Pulse
Generator
D.U.T.
VIN
VOUT
CL
VDD
160
140
120
100
80
60
Clock Frequency [MHz]
40
20
0
0
50
100
150
200
Load = 15pF & 33 ohms
Load = 0
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
3
4
pF
COUT
Output Capacitance
VOUT = 0V
6
Paramete-
rs
Description
Test Conditions(1)
Min.
Typ.
Max. Unit-
s
tR/tF
CLKn Rise/Fall Time 0.7V ~ 1.7 V
CL = 22pF, 100 MHz
1.0
1.25
ns
CL = 12pF, 150 MHz
1.0
1.2
tPLH
tPHL
Propagation Delay BUF_IN to CLKn
CL = 22pF, 100 MHz
3.0
3.5
CL = 12pF, 150 MHz
2.4
2.7
tSK(o)(2)
Skew between two outputs of the same
package
(same transition)
CL = 22pF, 100 MHz
100
150
ps
CL = 12pF, 150 MHz
100
150
tSK(p)(2)
Skew between opposite transitions (tPHL-tPLH)
of the same output
CL = 22pF, 100 MHz
250
300
CL = 12pF, 150 MHz
250
300
tSK(t)(2)
Skew between two outputs of different package
(4)
CL = 12pF, 150 MHz
400
600


Similar Part No. - PI49FCT20807HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20807HE PERICOM-PI49FCT20807HE Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
More results

Similar Description - PI49FCT20807HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
   1:5/1:7 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
   1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com