Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z91 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM1Z91
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM1Z91 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM1Z91 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z91 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z91 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM1Z2V0~MM1Z120
SILICON PLANAR ZENER DIODES
Silicon planar zener diode in a small plastic
Features
Total power dissipation: max. 500 mW
Small plastic package suitable for
surface mounted design
Wide variety of voltage ranges:
nom.2.0 to 120V (E24 range)
Tolerance approximately + / - 5%
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Zener Current see Table “Characteristics”
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
OC
Storage Temperature Range
TS
-55 to +150
OC
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
RthA
-
-
0.3
K/mW
Forward Voltage
at IF = 10mA
VF
-
-
0.9
V
Top view
2
1
Simplified outline SOD-123 and symbol
Anode
Cathode
1.15(.045)
1.05(.041)
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
Dimensions in millimeters and (inches)


Similar Part No. - MM1Z91

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MM1Z91 CHENDA-MM1Z91 Datasheet
896Kb / 3P
   Silicon planar zener diode in a small plastic
logo
Jinan Jingheng (Group) ...
MM1Z91 JINANJINGHENG-MM1Z91 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - MM1Z91

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com