Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z16 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM3Z16
Description  200mW Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM3Z16 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM3Z16 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z16 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z16 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z16 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z16 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
200mW Surface Mount Zener Diode
MM3Z2V4-MM3Z75
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zener Voltage
Zener Impedance
Leakage Current
Vz(Volts)
@IZT
ZZT@IZT
ZZK@IZK
IR
@VR
@VZ(Mv/k)
@IZT
C
@VR=0,
f=1MHz
Type
Number
Marking
Code
Min
Nom
Max
mA
mA
μA
V
Min
Max
pF
MM3Z2V4
00
2.2
2.4
2.6
5
100
1000
0.5
50
1.0
-3.5
0
450
MM3Z2V7
01
2.5
2.7
2.9
5
100
1000
0.5
20
1.0
-3.5
0
450
MM3Z3V0
02
2.8
3.0
3.2
5
100
1000
0.5
10
1.0
-3.5
0
450
MM3Z3V3
05
3.1
3.3
3.5
5
95
1000
0.5
5
1.0
-3.5
0
450
MM3Z3V6
06
3.4
3.6
3.8
5
90
1000
0.5
5
1.0
-3.5
0
450
MM3Z3V9
07
3.7
3.9
4.1
5
90
1000
0.5
3
1.0
-3.5
-2.5
450
MM3Z4V3
08
4.0
4.3
4.6
5
90
1000
0.5
3
1.0
-3.5
0
450
MM3Z4V7
09
4.4
4.7
5.0
5
80
800
0.5
3
2.0
-3.5
0.2
260
MM3Z5V1
0A
4.8
5.1
5.4
5
60
500
0.5
2
2.0
-2.7
1.2
225
MM3Z5V6
0C
5.2
5.6
6.0
5
40
200
0.5
1
2.0
-2.0
2.5
200
MM3Z6V2
0E
5.8
6.2
6.6
5
10
100
0.5
3
4.0
0.4
3.7
185
MM3Z6V8
0F
6.4
6.8
7.2
5
15
160
0.5
2
4.0
1.2
4.5
155
MM3Z7V5
0G
7.0
7.5
7.9
5
15
160
0.5
1
5.0
2.5
5.3
140
MM3Z8V2
0H
7.7
8.2
8.7
5
15
160
0.5
0.7
5.0
3.2
6.2
135
MM3Z9V1
0K
8.5
9.1
9.6
5
15
160
0.5
0.2
7.0
3.8
7.0
130
MM3Z10
0L
9.4
10
10.6
5
20
160
0.5
0.1
8.0
4.5
8.0
130
MM3Z11
0M
10.4
11
11.6
5
20
160
0.5
0.1
8.0
5.4
9.0
130
MM3Z12
0N
11.4
12
12.7
5
25
80
0.5
0.1
8.0
6.0
10
130
MM3Z13
0P
12.35
13
13.65
5
30
80
0.5
0.1
8.0
7.0
11
120
MM3Z15
0T
14.25
15
15.75
5
30
80
0.5
0.05
10.5
9.2
13
110
MM3Z16
0U
15.2
16
16.8
5
40
80
0.5
0.05
11.2
10.4
14
105
MM3Z18
0W
17.1
18
18.9
5
45
80
0.5
0.05
12.6
12.4
16
100
MM3Z20
0Z
18.8
20
21.2
5
55
100
0.5
0.05
14.0
14.4
18
85
MM3Z22
10
20.9
22
23.1
5
55
100
0.5
0.05
15.4
16.4
20
85
MM3Z24
11
22.8
24
25.2
5
70
120
0.5
0.05
16.8
18.4
22
80
MM3Z27
12
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
70
MM3Z30
14
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
70
MM3Z33
18
31
33
35
2
80
300
0.5
0.05
23.2
27.4
33.4
70
MM3Z36
19
34
36
38
2
90
500
0.5
0.05
25.2
30.4
37.4
70
MM3Z39
20
37
39
41
2
130
500
0.5
0.05
27.3
33.4
41.2
45
MM3Z43
21
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
40
MM3Z47
1A
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
40
MM3Z51
1C
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
40
MM3Z56
1D
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
40
MM3Z62
1E
58
62
66
2
215
500
0.5
0.05
43.4
58.8
71.6
35
2014-03 01版
http://www.microdiode.com


Similar Part No. - MM3Z16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z16 DIOTEC-MM3Z16 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
MM3Z16 DIOTEC-MM3Z16 Datasheet
149Kb / 2P
   SMD Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z16 SEMTECH_ELEC-MM3Z16 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
MM3Z16 LUGUANG-MM3Z16 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z16 HTSEMI-MM3Z16 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com