Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z12S Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM3Z12S
Description  Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM3Z12S Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM3Z12S Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z12S Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z12S Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM3Z12S Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
200mW Surface Mount Zener Diode
MM3Z3V3S-MM3Z18VS
FEATURES
Standard zener breakdown voltage
range 3.3V-18V
Steady state power rating of 200mW
APPLICATIONS
Zener diode
Ultra-small surface mount package
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
MM3Z3V3S-MM3Z18VS
See table 2
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF=10mA
VF
0.9
V
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
635
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-65 to+150
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - MM3Z12S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z12 DIOTEC-MM3Z12 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z12 YFWDIODE-MM3Z12 Datasheet
537Kb / 3P
   Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z12 SEMTECH_ELEC-MM3Z12 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
MM3Z12 DIOTEC-MM3Z12 Datasheet
149Kb / 2P
   SMD Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
MM3Z12 HTSEMI-MM3Z12 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z12S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com