Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1Z2V7 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM1Z2V7
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM1Z2V7 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM1Z2V7 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z2V7 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z2V7 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM1Z2V0~MM1Z120
Zener Voltage Range
1)
Dynamic Impedance
2)
Reverse Leakage
Current
Temp. coefficient
of Zener Voltage
lZT for
VZT
ZZ (Max)
at
IZ
IR (Max) at VR
Type
Marking
Code
Vznom
V
mA
V
Ω
mA
µA
V
TKvz
%/K
MM1Z 2V0
4A
2.0
5
1.80...2.15
100
5
120
0.5
-0.09...-0.06
MM1Z 2V2
4B
2.2
5
2.08...2.33
100
5
120
0.7
-0.09...-0.06
MM1Z 2V4
4C
2.4
5
2.28...2.56
100
5
120
1.0
-0.09...-0.06
MM1Z 2V7
4D
2.7
5
2.5...2.9
110
5
120
1.0
-0.09...-0.06
MM1Z 3V0
4E
3.0
5
2.8...3.2
120
5
50
1.0
-0.08...-0.05
MM1Z 3V3
4F
3.3
5
3.1...3.5
130
5
20
1.0
-0.08...-0.05
MM1Z 3V6
4H
3.6
5
3.4...3.8
130
5
10
1.0
-0.08...-0.05
MM1Z 3V9
4J
3.9
5
3.7...4.1
130
5
5
1.0
-0.08...-0.05
MM1Z 4V3
4K
4.3
5
4.0...4.6
130
5
5
1.0
-0.06...-0.03
MM1Z 4V7
4M
4.7
5
4.4...5.0
130
5
2
1.0
-0.05...+0.02
MM1Z 5V1
4N
5.1
5
4.8...5.4
130
5
2
1.5
-0.02...+0.02
MM1Z 5V6
4P
5.6
5
5.2...6.0
80
5
1
2.5
-0.05...+0.05
MM1Z 6V2
4R
6.2
5
5.8...6.6
50
5
1
3.0
0.03...0.06
MM1Z 6V8
4X
6.8
5
6.4...7.2
30
5
0.5
3.5
0.03...0.07
MM1Z 7V5
4Y
7.5
5
7.0...7.9
30
5
0.5
4.0
0.03...0.07
MM1Z 8V2
4Z
8.2
5
7.7...8.7
30
5
0.5
5.0
0.03...0.08
MM1Z 9V1
5A
9.1
5
8.5...9.6
30
5
0.5
6.0
0.03...0.09
MM1Z 10
5B
10
5
9.4...10.6
30
5
0.1
7.0
0.03...0.1
MM1Z 11
5C
11
5
10.4...11.6
30
5
0.1
8.0
0.03...0.11
MM1Z 12
5D
12
5
11.4...12.7
35
5
0.1
9.0
0.03...0.11
MM1Z 13
5E
13
5
12.4...14.1
35
5
0.1
10
0.03...0.11
MM1Z 15
5F
15
5
13.8...15.6
40
5
0.1
11
0.03...0.11
MM1Z 16
5H
16
5
15.3...17.1
40
5
0.1
12
0.03...0.11
MM1Z 18
5J
18
5
16.8...19.1
45
5
0.1
13
0.03...0.11
MM1Z 20
5K
20
5
18.8...21.2
50
5
0.1
15
0.03...0.11
MM1Z 22
5M
22
5
20.8...23.3
55
5
0.1
17
0.04...0.12
MM1Z 24
5N
24
5
22.8...25.6
60
5
0.1
19
0.04...0.12
MM1Z 27
5P
27
5
25.1...28.9
70
2
0.1
21
0.04...0.12
MM1Z 30
5R
30
5
28...32
80
2
0.1
23
0.04...0.12
MM1Z 33
5X
33
5
31...35
80
2
0.1
25
0.04...0.12
MM1Z 36
5Y
36
5
34...38
90
2
0.1
27
0.04...0.12
MM1Z 39
5Z
39
2.5
37...41
100
2
2
30
0.04...0.12
MM1Z 43
6A
43
2.5
40...46
130
2
2
33
0.04...0.12
MM1Z 47
6B
47
2.5
44...50
150
2
2
36
0.04...0.12
MM1Z 51
6C
51
2.5
48...54
180
2
1
39
0.04...0.12
MM1Z 56
6D
56
2.5
52...60
180
2
1
43
0.04...0.12
MM1Z 62
6E
62
2.5
58...66
200
2
0.2
47
0.04...0.12
MM1Z 68
6F
68
2.5
64...72
250
2
0.2
52
0.04...0.12
MM1Z 75
6H
75
2.5
70...79
300
2
0.2
57
0.04...0.12
MM1Z 82
6J
82
2.5
77...87
300
2
0.2
63
0.05...0.12
MM1Z 91
6K
91
1
85...96
700
1
0.2
69
0.05...0.12
MM1Z 100
6M
100
1
94...106
700
1
0.2
76
0.05...0.12
MM1Z 110
6N
110
1
104...116
800
1
0.2
84
0.05...0.12
MM1Z 120
6P
120
1
114...127
900
1
0.2
91
0.05...0.12
1
) VZ is tested with pulses (20 ms).
2)
ZZ is measured at IZ by given a very small A.C. current signal.


Similar Part No. - MM1Z2V7

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z2V7 EIC-MM1Z2V7 Datasheet
108Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z2V7 SEMTECH_ELEC-MM1Z2V7 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V7 HTSEMI-MM1Z2V7 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z2V7 DGNJDZ-MM1Z2V7 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM1Z2V7 YFWDIODE-MM1Z2V7 Datasheet
476Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z2V7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com