Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLFR101 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # DLFR101
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

DLFR101 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  DLFR101 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. DLFR101 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
41
0
2
0
40
1
00
f=1MHz
TJ=25
0.6
0.8
1.0
1.2
1.4
1.6
0.001
0.01
0.1
1
10
TJ=25
Pulse Width=300us
0
110
100
15
10
30
25
5
20
TL=110
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
0
0.1
10
20
40
60
80
100
0.01
TA
=125℃
TA=100℃
T
A=25℃
1
100
0.1
1
10
0.01
0.1
1
10
100
100
REVERSE VOLTAGE(V)
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TERMINAL TEMPERATURE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE. (
%)
T,PULSE DURATION,
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD CURRENT DERATING CURVE
RATINGS AND CHARACTERISTIC CURVES DLFR101 THRU DLFR107
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Similar Part No. - DLFR101

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLFR106 MCC-DLFR106 Datasheet
93Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106 MCC-DLFR106 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106 MCC-DLFR106 Datasheet
599Kb / 4P
   1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
DLFR106_1114 MCC-DLFR106_1114 Datasheet
599Kb / 4P
   1 Amp Glass Passivated, Fast RecoveryRectifier 800 to 1000 Volts
More results

Similar Description - DLFR101

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com