Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS316 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BAS316
Description  Silicon Epitaxial Planar Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BAS316 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BAS316 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BAS316 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BAS316 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BAS316 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Epitaxial Planar Diode
BAS316
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
100
-
V
IR=100μA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF=1.0mA
IF=10mA
IF=50mA
IF=150mA
Reverse Current
IR
-
1.0
0.03
μA
VR=75V
VR=25V
Capacitance between terminals
CT
-
1.5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
4.0
ns
IF=IR=10mA,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
2014-03 01版
http://www.microdiode.com


Similar Part No. - BAS316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
logo
DONGGUAN YOU FENG WEI E...
BAS316 YFWDIODE-BAS316 Datasheet
424Kb / 3P
   Switching Diodes
logo
NXP Semiconductors
BAS316 PHILIPS-BAS316 Datasheet
66Kb / 9P
   High-speed diode
2004 Feb 04
BAS316 NXP-BAS316 Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS316

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com