Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ110A Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SMCJ110A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMCJ110A Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMCJ110A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMCJ110A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMCJ110A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMCJ110A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMCJ110A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics (TA=25℃
)
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional Bidirectional
UNI
BI
VRWM(V)
VBR(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMCJ130A
SMCJ130CA
GHK
BHK
130.0
144.00~159.00
1
209.0
7.2
1
SMCJ150A
SMCJ150CA
GHM
BHM
150.0
167.00~185.00
1
243.0
6.2
1
SMCJ160A
SMCJ160CA
GHP
BHP
160.0
178.00~197.00
1
259.0
5.8
1
SMCJ170A
SMCJ170CA
GHR
BHR
170.0
189.00~209.00
1
275.0
5.5
1
SMCJ180A
SMCJ180CA
GHT
BHT
180.0
201.00~222.00
1
292.0
5.1
1
SMCJ190A
SMCJ190CA
GHU
BHU
190.0
211.00~233.00
1
308.0
4.8
1
SMCJ200A
SMCJ200CA
GHV
BHV
200.0
224.00~247.00
1
324.0
4.6
1
SMCJ210A
SMCJ210CA
GHW
BHW
210.0
237.00~263.00
1
340.0
4.4
1
SMCJ220A
SMCJ220CA
GHX
BHX
220.0
246.00~272.00
1
356.0
4.2
1
SMCJ250A
SMCJ250CA
GHZ
BHZ
250.0
279.00~309.00
1
405.0
3.7
1
SMCJ300A
SMCJ300CA
GJE
BJE
300.0
335.00~371.00
1
486.0
3.1
1
SMCJ350A
SMCJ350CA
GJG
BJG
350.0
391.00~432.00
1
567.0
2.6
1
SMCJ400A
SMCJ400CA
GJK
BJK
400.0
447.00~494.00
1
648.0
2.3
1
SMCJ440A
SMCJ440CA
GJM
BJM
440.0
492.00~543.00
1
713.0
2.1
1
Notes: For bidirectional type having VRWM of 10V and less, the IR limit is double.
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
0
25
50
75
100
125
150
0
20
40
60
80
100
TA-Ambient Temperature (℃)
175
Figure 2. Pulse Derating Curve
Figure 4. Typical Junction Capacitance


Similar Part No. - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ110A TSC-SMCJ110A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMCJ110A DAESAN-SMCJ110A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ110A DCCOM-SMCJ110A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ110A VISHAY-SMCJ110A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
logo
Formosa MS
SMCJ110A FORMOSA-SMCJ110A Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ110A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com