Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM150 Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # FM150
Description  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

FM150 Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  FM150 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM150 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM150 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM150 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM150 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pinning information
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
FM120
SS12
FM130
SS13
FM140
SS14
FM150
SS15
FM160
SS16
FM180
SS18
FM1100
S110
FM1150
S115
FM1200
S120
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.063 (1.60)
A
0.110 (2.80)
C
0.087 (2.20)
PACKAGE
SMA
1
2
FM120 THRU FM1200
2014-03 01版
http://www.microdiode.com


Similar Part No. - FM150

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM150 FORMOSA-FM150 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM150 FORMOSA-FM150 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM150 RECTRON-FM150 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM150-L FORMOSA-FM150-L Datasheet
173Kb / 7P
   Chip Schottky Barrier Rectifier
FM150-LN FORMOSA-FM150-LN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM150

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com