Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC463 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC463
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC463 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC463 Datasheet HTML 1Page - Hittite Microwave Corporation HMC463 Datasheet HTML 2Page - Hittite Microwave Corporation HMC463 Datasheet HTML 3Page - Hittite Microwave Corporation HMC463 Datasheet HTML 4Page - Hittite Microwave Corporation HMC463 Datasheet HTML 5Page - Hittite Microwave Corporation HMC463 Datasheet HTML 6Page - Hittite Microwave Corporation HMC463 Datasheet HTML 7Page - Hittite Microwave Corporation HMC463 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MICROWAVE CORPORATION
1 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC463
v03.0304
GaAs PHEMT MMIC LOW NOISE
AGC AMPLIFIER, 2.0 - 20.0 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane with conductive epoxy (see HMC general Handling, Mounting,
Bonding Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for
bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the
die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One
way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader
(moly-tab) which is then attached to the ground plane (Figure 2).
Microstrip substrates should brought as close to the die as possible in order to minimize bond wire length. Typical die-
to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils).


Similar Part No. - HMC463

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC463 HITTITE-HMC463 Datasheet
310Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2 - 20 GHz
HMC463 HITTITE-HMC463 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC463 MICROSS-HMC463 Datasheet
952Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC463 AD-HMC463 Datasheet
725Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER
HMC463 AD-HMC463 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC463

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC465 HITTITE-HMC465 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC465LP5 HITTITE-HMC465LP5 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
HMC460LC5 HITTITE-HMC460LC5_10 Datasheet
1,014Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
HMC460LC5 HITTITE-HMC460LC5 Datasheet
271Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com