Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC459 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC459
Description  GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC459 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC459 Datasheet HTML 1Page - Hittite Microwave Corporation HMC459 Datasheet HTML 2Page - Hittite Microwave Corporation HMC459 Datasheet HTML 3Page - Hittite Microwave Corporation HMC459 Datasheet HTML 4Page - Hittite Microwave Corporation HMC459 Datasheet HTML 5Page - Hittite Microwave Corporation HMC459 Datasheet HTML 6Page - Hittite Microwave Corporation HMC459 Datasheet HTML 7Page - Hittite Microwave Corporation HMC459 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MICROWAVE CORPORATION
1 - 82
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC459
v00.0204
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18.0 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane with conductive epoxy (see HMC general Handling, Mounting, Bonding
Note).
50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF
to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised
0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to
attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached
to the ground plane (Figure 2).
Microstrip substrates should brought as close to the die as possible in order to minimize bond wire length. Typical die-to-
substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag
for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment.
Cleanliness: Handle chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity: Follow ESD precautions to protect against > ± 250V ESD strikes.
Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize
inductive pick-up.
General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the
chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with electrically conductive epoxy. The mounting surface should be clean and
flat.
Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of
150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum
level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or
substrate. All bonds should be as short as possible <0.31mm (12 mils).


Similar Part No. - HMC459

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
logo
Analog Devices
HMC459 AD-HMC459 Datasheet
397Kb / 8P
   Telecom Infrastructure
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results

Similar Description - HMC459

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659LC5 HITTITE-HMC659LC5 Datasheet
293Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC659 HITTITE-HMC659 Datasheet
320Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com