Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTP229-HSB Datasheet(PDF) 9 Page - Tontek Design Technology

Part # TTP229-HSB
Description  8 KEYS TOUCH PAD DETECTOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP229-HSB Datasheet(HTML) 9 Page - Tontek Design Technology

Back Button TTP229-HSB Datasheet HTML 4Page - Tontek Design Technology TTP229-HSB Datasheet HTML 5Page - Tontek Design Technology TTP229-HSB Datasheet HTML 6Page - Tontek Design Technology TTP229-HSB Datasheet HTML 7Page - Tontek Design Technology TTP229-HSB Datasheet HTML 8Page - Tontek Design Technology TTP229-HSB Datasheet HTML 9Page - Tontek Design Technology TTP229-HSB Datasheet HTML 10Page - Tontek Design Technology TTP229-HSB Datasheet HTML 11Page - Tontek Design Technology TTP229-HSB Datasheet HTML 12Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary
TTP229-HSB
TonTouchTM
09’/12/22
Page 9 of 12
Ver : 1.1
10. Option table
Option table:
Option
pin
Option
states
Feature
Remark
1
2-wires serial interface => CMOS output active-low
Default
TP1
(SAHL)
0
2-wires serial interface => CMOS output active-high
TP3
(SKMS1)
TP4
(SKMS0)
1
1
All Single-keys:one group(8keys)
Default
1
0
Two groups operate:
group-1=>Single key;group-2=>Single key
0
1
Two groups operate:
group-1=>Single key;group-2=>Multi key
TP3
(SKMS1)
TP4
(SKMS0)
0
0
All Multi-keys:one group(8 keys)
1
8Hz sampling rate for wake-up in sleep mode
Default
TP5
(WPSCT)
0
64Hz sampling rate for wake-up in sleep mode
1
Wake-up sampling length=>about 4.0ms
Default
TP6
(SLWPTM)
0
Wake-up sampling length=>about 2.0ms
1
Maximum key-on time disable=>infinite
Default
TP7
(SKSRT)
0
Maximum key-on time enable=>about 80sec
Note:1. About the combinations of group-1 and group-2, please see above point-4.
2. Option states “1” mean internal pull-up (default).
3. Option states “0” mean that option pins are via high-value resistors connected to VSS.


Similar Part No. - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
More results

Similar Description - TTP229-HSB

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP239 TONTEK-TTP239 Datasheet
308Kb / 16P
   8 keys Touch Pad Detector IC
TTP229-FSD TONTEK-TTP229-FSD Datasheet
314Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-DQE TONTEK-TTP229-DQE Datasheet
319Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-CSE TONTEK-TTP229-CSE Datasheet
315Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
   8 KEYS TOUCH PAD DETECTOR IC
TTP225 TONTEK-TTP225 Datasheet
318Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP226 TONTEK-TTP226 Datasheet
344Kb / 15P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-JQB TONTEK-TTP229-JQB Datasheet
309Kb / 12P
   8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com