Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC445LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC445LP4
Description  SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC445LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC445LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC445LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC445LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC445LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC445LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC445LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
11 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
Pin Number
Function
Description
Interface Schematic
1, 2, 5-14, 17,
18, 20-24
N/C
No Connection
3
RF IN
RF input needs to be DC blocked only if there is an
external DC voltage applied to RF IN.
4, 15
GND
All ground leads and ground paddle must be soldered
to PCB RF/DC ground.
16
RF OUT
Multiplied Output. AC coupled. No external DC blocks
necessary.
19
Vcc
Supply voltage 5V ± 0.5V.
Pin Description
HMC445LP4
v01.0604
SMT GaAs HBT MMIC x16 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT


Similar Part No. - HMC445LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC445LP4 HITTITE-HMC445LP4 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4 Datasheet
632Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC445LP4 AD-HMC445LP4 Datasheet
368Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC445LP4E HITTITE-HMC445LP4E Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC445LP4E AD-HMC445LP4E Datasheet
368Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
More results

Similar Description - HMC445LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC445LP4 AD-HMC445LP4 Datasheet
368Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
   SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_10 Datasheet
235Kb / 6P
   SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
   SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
   SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3 Datasheet
258Kb / 6P
   SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com