Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT6298 Datasheet(PDF) 8 Page - Tontek Design Technology

Part # TT6298
Description  4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TT6298 Datasheet(HTML) 8 Page - Tontek Design Technology

Back Button TT6298 Datasheet HTML 4Page - Tontek Design Technology TT6298 Datasheet HTML 5Page - Tontek Design Technology TT6298 Datasheet HTML 6Page - Tontek Design Technology TT6298 Datasheet HTML 7Page - Tontek Design Technology TT6298 Datasheet HTML 8Page - Tontek Design Technology TT6298 Datasheet HTML 9Page - Tontek Design Technology TT6298 Datasheet HTML 10Page - Tontek Design Technology TT6298 Datasheet HTML 11Page - Tontek Design Technology TT6298 Datasheet HTML 12Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TT6297/TT6298
07’/06/20
Page 8 of 19
Ver :1.0
FUNCTION EXPLANATION
1. Phrase Selection
Phrase Selection Phrases are specified and read into the 2 byte data which consists of I0~ I7 data
bus. The phrase selection data is latched when WRB goes high while CSB is low .The format of the
phrase specification input is as follows.
As shown in the above chart, I7 of the first 1 data byte is always 1. I0~I6 of the
first data byte specifies the low phrase address and the I7,I6 of second byte are used as
high phrase address. The phrase selection data has a selection of 511 phrases which
corresponds to 000000001~111111111. The phrase selection data is used for to A3~A11
address outputs, and they specify both start and stop address which are stored in the
external ROM.
Relation between Phrase Selection Data and ROM Address
Phrase
Selection
Data
Il7
Il6
l6
l5
l4
l3
l2
l1
l0
-
-
-
External ROM
address
A23~A10 A11 A10 A9
A8
A7
A6
A5
A4 A3
A2
A1
A0
Selection
Not valid
Phrase 1
Phrase 2
Phrase 3
Phrase 510
Phrase 511
0~0
0~0
0~0
0~0
0~0
0~0
0
0
0
0
1
1
0
0
0
0
1
1
0
0
0
0
1
1
0
0
0
0
1
1
0
0
0
0
1
1
0
0
0
0
1
1
0
0
0
0
1
1
0
0
1
1
1
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
* Phrases can not be specified with all inputs = “0”
l7
l6
l5
l4
l3
l2
l1
l0
1st Byte
1
Phrase selection data
2nd Byte
Phrase expansion
II6,II7 &
Channel specification II4,II5
Reduction specification
II3~II0


Similar Part No. - TT6298

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
More results

Similar Description - TT6298

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TT6297 TONTEK-TT6297 Datasheet
456Kb / 19P
   4-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
OKI electronic componet...
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
   ADPCM VOICE SYNTHESIZER
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
Winbond
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
   ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com