Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0015 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0015
Description  Low Cost Five-Way GMIC SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0015 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0015_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0015_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0015_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0015_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Cost Five-Way GMIC SMT Power Divider
1850-1990 MHz
Rev. V2
MAPDCC0015
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Units
Min
Typ
Max
Insertion Loss
Above 7.0dB
dB
0.7
1.2
Isolation
dB
21
28
VSWR
Input
1.5:1
1.6:1
VSWR
Output
1.2:1
1.5:1
Amplitude Balance
dB
0.2
0.5
Phase Balance
°
6
12
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Input Power4
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
2.
M/A-COM does not recommend sustained operation near
these survivability limits.
3.
With Internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
VSWR vs. Frequency
Isolation vs. Frequency
Phase Balance vs. Frequency
(Relative RF1)
Typical Performance Curves
Insertion Loss vs. Frequency
(Dashed lines show amplitude balance window)


Similar Part No. - MAPDCC0015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0015-TB MA-COM-MAPDCC0015-TB Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
MAPDCC0015-TR MA-COM-MAPDCC0015-TR Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
More results

Similar Description - MAPDCC0015_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider
logo
Tyco Electronics
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
Tyco Electronics
DS55-0003 MACOM-DS55-0003 Datasheet
27Kb / 2P
   Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
logo
M/A-COM Technology Solu...
MAPDCC0016 MA-COM-MAPDCC0016 Datasheet
86Kb / 3P
   Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com